Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 8 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 4Page - SMSC Corporation CAM35C44 Datasheet HTML 5Page - SMSC Corporation CAM35C44 Datasheet HTML 6Page - SMSC Corporation CAM35C44 Datasheet HTML 7Page - SMSC Corporation CAM35C44 Datasheet HTML 8Page - SMSC Corporation CAM35C44 Datasheet HTML 9Page - SMSC Corporation CAM35C44 Datasheet HTML 10Page - SMSC Corporation CAM35C44 Datasheet HTML 11Page - SMSC Corporation CAM35C44 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
NAME
TOTAL
PINS
SYMBOL
BUFFER
TYPE
DESCRIPTION
DMA Request
1
DRQ
O12
The DRQ pin is forced active by
the CAM35C44 when byte
transfers to the host using DMA
are required. DRQ goes inactive
when the transfer has been
completed. The active DRQ pin-
state is determined by the
DRQ_LEV bit in CR01 (see page
22).
DMA Acknowledge
1
DACK
I
The DACK pin is forced active by
the host DMA controller to
acknowledge CAM35C44 transfer
requests. DACK goes inactive
following the transfer command.
The active DACK pin-state is
determined by the DAC_LEV bit in
CR01 (see page 23).
Terminal Count
1
TC
I
TC indicates that a DMA transfer
is complete. TC is only acknow-
ledged when DACK is active.
ISA I/O Read/
Non-ISA Read/Write
Control
1
nIOR/RnW
I
The active low nIOR input is
issued by the host to execute I/O
read commands when an ISA
read/write-styled host interface
type is selected (TABLE 3). The
RnW input is used to determine
the I/O command type when a
non-ISA read/write-styled host
interface type is selected.
ISA I/O Write/
Non-ISA R/W Data
Strobe
1
nIOW/DSTRB
I
The active low nIOW input is
issued by the host to execute I/O
write commands when an ISA
read/write-styled host interface
type is selected (TABLE 3). The
DSTRB input is used to execute
the I/O command when a non-ISA
read/write-styled host interface
type is selected (FIGURE 5).
MISCELLANEOUS (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com