Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 14 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 10Page - SMSC Corporation CAM35C44 Datasheet HTML 11Page - SMSC Corporation CAM35C44 Datasheet HTML 12Page - SMSC Corporation CAM35C44 Datasheet HTML 13Page - SMSC Corporation CAM35C44 Datasheet HTML 14Page - SMSC Corporation CAM35C44 Datasheet HTML 15Page - SMSC Corporation CAM35C44 Datasheet HTML 16Page - SMSC Corporation CAM35C44 Datasheet HTML 17Page - SMSC Corporation CAM35C44 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14
Host Interface Select
The Host Interface Select pins HS[1:0] (TABLE
1) determine the host interface type.
The encoding for these bits is shown in TABLE
3.
The Host Interface Select pins are static
controls and must remain stable during device
operation.
TABLE 3 - HOST INTERFACE ENCODING
HOST INTERFACE
SELECT
HOST INTERFACE TYPE
HS1
HS0
0
0
Reserved
0
1
ISA
1
0
MULTIPLEXED ADDRESS/DATA, Non-ISA
Read/Write (FIGURE 5)
1
1
MULTIPLEXED ADDRESS/DATA,
ISA Read/Write (FIGURE 4)
Host Interface Pin Multiplexing
Pin multiplexing for the processor/host interface
(TABLE 1) is controlled by the Host Interface
Select pins HS[1:0].
ISA
signals
that
are
not
multiplexed,
like
IOCHRDY
and
nNOWS,
remain
operative
regardless of the state of the Host Interface
Select bits.
The following tables describe processor/host
interface multiplexing per pin or per pin group.
System Data Bus
TABLE 4 - SD[7:0] PIN MULTIPLEXING
MUX CONTROLS
PIN NAME
HS1
HS0
SELECTED FUNCTION
SD[7:0]
0
0
NOT DEFINED
0
1
SD[7:0]
1
0
AD[7:0]
1
1
AD[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com