Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 21 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 17Page - SMSC Corporation CAM35C44 Datasheet HTML 18Page - SMSC Corporation CAM35C44 Datasheet HTML 19Page - SMSC Corporation CAM35C44 Datasheet HTML 20Page - SMSC Corporation CAM35C44 Datasheet HTML 21Page - SMSC Corporation CAM35C44 Datasheet HTML 22Page - SMSC Corporation CAM35C44 Datasheet HTML 23Page - SMSC Corporation CAM35C44 Datasheet HTML 24Page - SMSC Corporation CAM35C44 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
Configuration Registers
Introduction
The configuration registers (TABLE 13) are set
to their default values at power up and are not
affected by RESET, except where noted in the
register descriptions that follow.
Configuration register bits that are not needed in
the CAM35C44 are marked RESERVED in the
sections below.
RESERVED bits cannot be
written and return “0” when read.
Configuration Register references are in hex;
e.g., CRC0.3 means Configuration Register
0xC0, Bit 0x03.
Configuration Bank Addressing
The CONFIGURATION register bank is defined
as the first eight addresses in the CAM35C44
memory
map
(see
section
REGISTER
ADDRESS MAP on page 16).
TABLE 12 summarizes the contents of the
CONFIGURATION bank.
The Index and Data
registers
access
the
configuration
registers
(TABLE 13) as described above.
TABLE 12 - CONFIGURATION REGISTER BANK
ADDRESS
DEFAULT
REGISTER NAME
0x00
0x00
Config/Index Register
0x01
0x00
Data Register
0x02
.
.
.
0x07
0x00
RESERVED
Description
TABLE 13 - CONFIGURATION REGISTERS
CR
INDEX
POR
DEFAULT
RESET
DEFAULT
REGISTER NAME
0x00
0x00
0x00
IRQ CONTROL
0x01
0x00
0x00
DMA CONTROL
0x02
0x02
n/a
INFRARED OPTION
0x03
0x01
n/a
INFRARED CONTROL B
0x04
0x00
n/a
TEST CONTROL A
0x05
0x00
n/a
SOFTWARE SELECT A
0x06
0x00
n/a
SOFTWARE SELECT B
0x07
0x03
n/a
IR HALF DUPLEX TIME-OUT
0x08
0x00
0x00
POWER CONTROL
0x09
0x00
n/a
TEST CONTROL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com