Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 25 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 21Page - SMSC Corporation CAM35C44 Datasheet HTML 22Page - SMSC Corporation CAM35C44 Datasheet HTML 23Page - SMSC Corporation CAM35C44 Datasheet HTML 24Page - SMSC Corporation CAM35C44 Datasheet HTML 25Page - SMSC Corporation CAM35C44 Datasheet HTML 26Page - SMSC Corporation CAM35C44 Datasheet HTML 27Page - SMSC Corporation CAM35C44 Datasheet HTML 28Page - SMSC Corporation CAM35C44 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
25
HPMODE, Bit 0
The HPMODE bit D0 is used to configure the
transceiver type in the CAM35C44 infrared
interface (see FIGURE 6).
When HPMODE is
“1”
(default),
the
IRMODE/IRRX3
pin
is
configured as an input (IRRX3) to support
transceiver
types
that
require
two
receive
channels.
When
HPMODE
is
“0”,
the
IRMODE/IRRX3 pin is configured as an output
(IRMODE) to support transceiver types that
require one receive channel and a mode control
pin.
MIDI, Bit 4
The MIDI bit D4 is the 16C550A UART clock
divider select.
When MIDI is “0” (default), the
16C550A
clock
divider
is
configured
to
generate the standard UART data rates up to
115.2Kbaud.
When MIDI is “1”, the 16C550A clock divider is
configured to generate UART data rates that are
compatible with the 31.25Kbaud (
$1%) Musical
Instrument Digital Interface standard.
CR04 - Test Control A
The Test Control A register CR04 enables user-
level serial loopback testing and SMSC internal
test modes.
CR04 can only be accessed in the configuration
state and only after the CSR has been initialized
to 04H. The default value of this register after
power up is 00H (TABLE 19).
TABLE 19 - TEST CONTROL A REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
CR04
R/W
IR_TEST[6:0]
IR_LB
0x00
IR_LB, Bit 0
The IR_LB bit D0 enables serial loopback
testing, independent of the internal IrCC 2.0
loopback controls.
When IR_LB is “1” the
transmit output is internally connected to the
receiver input. When IR_LB is “0” (default), the
transmit output is not connected to the receive
input and loopback testing is disabled.
IR_TEST[6:0], Bits 1 - 7
The IR_TEST[6:0] bits D1 - D7 control SMSC
internal test modes.
The IR_TEST[6:0] bits are “0” (default) for
normal operation.
When any of the IR_TEST[6:0] bits are “1”, an
SMSC internal test mode is activated.
Note:
SMSC internal test modes are reserved for
SMSC use, only. Activating SMSC internal test
modes may produce undesired results.
CR05 - Software Select A
The Software Select A register CR05 is directly
connected to the read-only IrCC 2.0 Software
Select A register in SCE Register Block Three.
Writing to CR05 is the only way to revise the
contents of the Software Select A register.
CR05 can only be accessed in the configuration
state and only after the CSR has been initialized
to 05H. The default value of this register after
power up is 00H (TABLE 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com