Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 7 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 3Page - SMSC Corporation CAM35C44 Datasheet HTML 4Page - SMSC Corporation CAM35C44 Datasheet HTML 5Page - SMSC Corporation CAM35C44 Datasheet HTML 6Page - SMSC Corporation CAM35C44 Datasheet HTML 7Page - SMSC Corporation CAM35C44 Datasheet HTML 8Page - SMSC Corporation CAM35C44 Datasheet HTML 9Page - SMSC Corporation CAM35C44 Datasheet HTML 10Page - SMSC Corporation CAM35C44 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
NAME
TOTAL
PINS
SYMBOL
BUFFER
TYPE
DESCRIPTION
Address Enable
1
AEN
I
The active high Address Enable
pin indicates DMA operations on
the host data bus. AEN must be
inactive to access the CAM35C44
registers and active during DMA
operations regardless of the
selected host interface type.
ISA I/O Channel Ready
1
IOCHRDY
OD12
IOCHRDY is pulled low to extend
ISA I/O read/write commands.
Only SCE-driven functions in the
IrCC 2.0 can be enabled to use
IOCHRDY.
Multiplex Mode
Address Strobe
1
ASTRB
I
ASTRB is used to internally latch
I/O addresses during read/write
cycles when a multiplexed
address/data host interface type is
selected (TABLE 3).
No Wait State
1
nNOWS
OD12
nNOWS can be enabled to be
activated by IrCC 2.0 SCE-driven
functions to indicate that an
access cycle shorter than the
standard ISA I/O cycle can be
executed.
ISA Reset Drive
1
RESET_DRV
IS
The RESET_DRV pin is active
high and is used to reset the
CAM35C44 as described in the
appropriate sections in this
document. The configuration
registers are not affected by this
pin except where noted (TABLE
13). The RESET_DRV pin must
be valid for 500ns minimum.
IRQ
1
IRQ
OD12
The IRQ pin is forced active when
an interrupt is asserted. IRQ goes
inactive as soon as the source of
the interrupt has been cleared.
The active IRQ pin-state is
determined by the IRQ_LEV bit in
CR00 (see page 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com