Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 39 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 35Page - SMSC Corporation CAM35C44 Datasheet HTML 36Page - SMSC Corporation CAM35C44 Datasheet HTML 37Page - SMSC Corporation CAM35C44 Datasheet HTML 38Page - SMSC Corporation CAM35C44 Datasheet HTML 39Page - SMSC Corporation CAM35C44 Datasheet HTML 40Page - SMSC Corporation CAM35C44 Datasheet HTML 41Page - SMSC Corporation CAM35C44 Datasheet HTML 42Page - SMSC Corporation CAM35C44 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39
Read Cycle Timing (Non-Multiplexed)
TABLE 36 - READ CYCLE TIMING PARAMETERS (NON-MULTIPLEXED ADDRESS AND DATA)
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Chip Select and Address Valid to Read
Pulse Active
15
ns
t2
Read Pulse Active to Data Valid
0
55
ns
t3
Read Pulse Width
85
ns
t4
Data Hold Time
5
ns
t5
Note 1
Read Pulse Active to Chip Select and
Address Invalid
15
ns
Note 1: Chip select must be latched internally and released when read pulse goes inactive.
t3
t3
t5
t1
t2
t4
SA[4:0]
nCS
nRD
SD[7:0]
FIGURE 10 - READ CYCLE (NON-MULTIPLEXED ADDRESS AND DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com