Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 35 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 31Page - SMSC Corporation CAM35C44 Datasheet HTML 32Page - SMSC Corporation CAM35C44 Datasheet HTML 33Page - SMSC Corporation CAM35C44 Datasheet HTML 34Page - SMSC Corporation CAM35C44 Datasheet HTML 35Page - SMSC Corporation CAM35C44 Datasheet HTML 36Page - SMSC Corporation CAM35C44 Datasheet HTML 37Page - SMSC Corporation CAM35C44 Datasheet HTML 38Page - SMSC Corporation CAM35C44 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
35
GPIOA Data Register
The GPIOA Data register GP02 contains the
data bits for the five general purpose I/O pins
(TABLE 32).
The state of a GPIO pin can be
forced to the value contained its data register, or
the value in the data register can reflect the state
of the pin, depending on the state of the
direction and enable bits.
The affects of the
GPx_DAT bits are summarized in TABLE 30.
GP02 can be accessed both in the configuration
state and the run state (see section REGISTER
ADDRESS MAP on page 16 and TABLE 29).
The default value of the GPIOA Data register
after power up is 00H. Bits[7:5] in the GPIOA
Data register are RESERVED.
TABLE 32 - GPIOA DATA REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
GP02
R/W
RESERVED
GP4_
DAT
GP3_
DAT
GP2_
DAT
GP1_
DAT
GP0_
DAT
0x00
GPIOA Direction Register
The GPIOA Direction register GP04 contains the
direction bits for the five general purpose I/O
pins (TABLE 33). The direction of a GPIO pin
depends upon the state of the direction bit and
the enable bit, but typically if the direction bit is
“1” the GPIO pin is an output; if the direction bit
is
“0”
the
GPIO
pin
is
an
input.
The
affects
of
the
GPx_OUT
bits
are
summarized
in
TABLE
33.
GP04
can
be
accessed both in the configuration state and the
run state (see section REGISTER ADDRESS
MAP on page 16 and TABLE 29). The default
value of the GPIOA Direction register after
power up is 00H.
Bits[7:5] in the GPIOA
Direction register are RESERVED.
TABLE 33 - GPIOA DIRECTION REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
GP04
R/W
RESERVED
GP4_
OUT
GP3_
OUT
GP2_
OUT
GP1_
OUT
GP0_
OUT
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com