Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 9 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 5Page - SMSC Corporation CAM35C44 Datasheet HTML 6Page - SMSC Corporation CAM35C44 Datasheet HTML 7Page - SMSC Corporation CAM35C44 Datasheet HTML 8Page - SMSC Corporation CAM35C44 Datasheet HTML 9Page - SMSC Corporation CAM35C44 Datasheet HTML 10Page - SMSC Corporation CAM35C44 Datasheet HTML 11Page - SMSC Corporation CAM35C44 Datasheet HTML 12Page - SMSC Corporation CAM35C44 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
NAME
TOTAL
PINS
SYMBOL
BUFFER
TYPE
DESCRIPTION
Clock Input (24MHz
CMOS Clock/Crystal)
1
X1/CLK1
ICLK
X1/CLK is the input for either a
24MHz clock crystal or 24MHz
crystal oscillator source (see
section CLOCK GENERATOR on
page 12)
Crystal Driver
1
X2
OCLK
X2 is the 24MHz crystal driver and
should be left unconnected if an
external clock source is used.
Host Interface Select
2
HS[1:0]
IP
The Host Interface Select bits
determine the host interface type.
These bits are static controls and
must remain stable during device
operation (see section
MULTIHOST CPU INTERFACE
on page 13).
General Purpose I/O
(GPIO0 - GPIO2)
4
3
GPIO[2:0]
IO12
The general purpose I/O pins
provide a simple programmable
I/O interface. The state of a GPIO
pin can be forced to the value
contained in the GPIO data
register or this register can reflect
the logical state of the GPIO pin
depending on values programmed
in GPIO direction and enable
registers (see section GENERAL
PURPOSE I/O on page 32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com