Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 4 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 4 Page - SMSC Corporation

  CAM35C44 Datasheet HTML 1Page - SMSC Corporation CAM35C44 Datasheet HTML 2Page - SMSC Corporation CAM35C44 Datasheet HTML 3Page - SMSC Corporation CAM35C44 Datasheet HTML 4Page - SMSC Corporation CAM35C44 Datasheet HTML 5Page - SMSC Corporation CAM35C44 Datasheet HTML 6Page - SMSC Corporation CAM35C44 Datasheet HTML 7Page - SMSC Corporation CAM35C44 Datasheet HTML 8Page - SMSC Corporation CAM35C44 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
ARCHITECTURE
There are six basic architectural components in
the CAM35C44: the multihost CPU interface, the
IrCC
2.0,
a
clock
generator,
configuration
registers,
power
management,
and
general
purpose I/O (
FIGURE 1).
The multihost CPU interface is capable of
supporting several bus configurations; including,
a non-multiplexed ISA-style address and data
bus, and a multiplexed address/data bus with
selectable read/write command options.
The
multihost CPU interface includes support for
Hitachi and Mitsubishi microcontrollers.
The
IrCC
2.0
is
a
multi-protocol
serial
communications controller that incorporates an
ACE
16C550A
UART
and
a
Synchronous
Communications Engine (SCE).
Refer to the
SMSC Infrared Communications Controller 2.0
specification for more information.
The clock generator provides connections for a
24MHz crystal or an external clock source. The
24MHz clock directly drives the ACE block. An
internal PLL is used for data rates above
115.2Kbps.
Power management in the CAM35C44 includes
various power down modes and an infrared
wake-up option.
The general purpose I/O
interface provides generic I/O programming
capabilities.
FIGURE 1 - CAM35C44 BLOCK DIAGRAM
MULTIHOST
CPU
INTERFACE
SD[7:0]/AD[7:0]
SA[1:0]/GPIO[4:3]
SA[4:2]/BS[2:0]
nCS
AEN
ASTRB
IOCHRDY
nNOWS
RESET_DRV
IRQ
DRQ
nDACK
TC
nIOR/RW
nIOW/DSTRB
CLOCK
GEN
GENERAL
PURPOSE
I/O
GPIO[2:0]
POWER
MGMT
CONFIGURATION
REGISTERS
IRCC 2.0
IRRX
IRTX
IRMODE/IRRX3
POWER
RXD/IRRX
TXD/IRTX
CONTROL
DATA
ADDRESS
X1/CLK1
x2
PWRGD
VCC[2:1],VSS[3:1],
VIO
HS1
HS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com