Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 49 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 42Page - SMSC Corporation CAM35C44 Datasheet HTML 43Page - SMSC Corporation CAM35C44 Datasheet HTML 44Page - SMSC Corporation CAM35C44 Datasheet HTML 45Page - SMSC Corporation CAM35C44 Datasheet HTML 46Page - SMSC Corporation CAM35C44 Datasheet HTML 47Page - SMSC Corporation CAM35C44 Datasheet HTML 48Page - SMSC Corporation CAM35C44 Datasheet HTML 49Page - SMSC Corporation CAM35C44 Datasheet HTML 50Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49
MIN
NOMINAL
MAX
REMARK
R2
0.08
~
0.20
Lead Foot Radius
ccc
~
~
0.0762
Coplanarity (Assemblers)
ccc
~
~
0.08
Coplanarity (Test House)
Note 1:Controlling Unit: millimeter
Note 2:Tolerance on the position of the leads is ± 0.04 mm maximum.
Note 3:Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold
protrusion is 0.25 mm.
Note 4:Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane is
0.78-1.08 mm.
Note 5:Details of pin 1 identifier are optional but must be located within the zone indicated.
CAM35C44 ERRATA SHEET
PAGE
SECTION/FIGURE/ENTRY
CORRECTION
DATE
REVISED
1
GENERAL DESCRIPTION
24mA changed to 12mA
1/7/98
10
DESCRIPTION OF PIN
FUNCTIONS
See Italicized Text
1/7/98
21
TABLE 13/REGISTER NAME
See Italicized Text
1/7/98
29
TABLE 25
See Italicized Text
1/7/98
37
Note 4 added
See Italicized Text
1/7/98
29
TABLE 25
2
#A changed to 2.5#A
8/10/99
37
TABLE 34 – MAX Column
See Italicized Text
8/10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com