Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 11 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 7Page - SMSC Corporation CAM35C44 Datasheet HTML 8Page - SMSC Corporation CAM35C44 Datasheet HTML 9Page - SMSC Corporation CAM35C44 Datasheet HTML 10Page - SMSC Corporation CAM35C44 Datasheet HTML 11Page - SMSC Corporation CAM35C44 Datasheet HTML 12Page - SMSC Corporation CAM35C44 Datasheet HTML 13Page - SMSC Corporation CAM35C44 Datasheet HTML 14Page - SMSC Corporation CAM35C44 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
NAME
TOTAL
PINS
SYMBOL
BUFFER
TYPE
DESCRIPTION
SERIAL PORT INTERFACE (2)
Receive Serial Data 2/
Infrared Rx
3
1
RXD/IRRX
I
This is the receiver input pin for
the UART COM port or an
alternate infrared port receiver
input.
Transmit Serial Data
2/Infrared Tx
1,2
1
TXD/IRTX
O12PD
This is the transmitter output pin
for the UART COM port or an
alternate infrared port transmitter
output.
Note
1
TX and MODE pins drive to VIO level.
Note
2
TX defaults to zero even during POR.
Note
3
RX pins are voltage tolerant to VIO level.
Note
4
All GPIOs are VIO tolerant and back drive protected.
Buffer-Type Summary
The characteristics of the buffer types shown in TABLE 1 are summarized in TABLE 2.
TABLE 2 - CAM35C44 BUFFER-TYPE SUMMARY
BUFFER TYPE
DESCRIPTION
IO12
Input/Output. 12mA sink; 6mA source
O12
Output. 12mA sink; 6mA source
OD12
Open Drain. 12mA sink
O12PD
Output. 12mA sink; 6mA source; 30
#A Pulldown @ Tristate
ICLK
Input to Crystal Oscillator Circuit (TTL levels)
OCLK
Output to External Crystal
I
Input TTL Compatible.
IP
Input TTL Compatible with 30
#A Pullup
IS
Input with Schmitt Trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com