Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM35C44 Datasheet(PDF) 1 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 1 Page - SMSC Corporation

  CAM35C44 Datasheet HTML 1Page - SMSC Corporation CAM35C44 Datasheet HTML 2Page - SMSC Corporation CAM35C44 Datasheet HTML 3Page - SMSC Corporation CAM35C44 Datasheet HTML 4Page - SMSC Corporation CAM35C44 Datasheet HTML 5Page - SMSC Corporation CAM35C44 Datasheet HTML 6Page - SMSC Corporation CAM35C44 Datasheet HTML 7Page - SMSC Corporation CAM35C44 Datasheet HTML 8Page - SMSC Corporation CAM35C44 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Infrared Communications Controller Chip
CameraFR
FEATURES
!"
Mixed Voltage Support
-
Supports 3.3V Operation
-
Supports Mixed Internal 3.3V
Operation with 3.3V/5V External
Configuration
!"
Intelligent Auto Power Management
-
Supports Multiple Power Down
Modes
!"
Serial Port
-
High Speed NS16C550A Compatible
UART with 16-Byte Send/Receive
FIFOs
-
Programmable Baud Rate Generator
!"
Infrared Port
-
Multi-Protocol Infrared Interface
-
128-Byte Data FIFO
-
IrDA 1.1 Compliant (up to 4Mbps)
-
Consumer IR
-
SHARP ASK IR
-
Programmed I/O and DMA Options
!"
Up to 5 General Purpose I/O Pins
!"
Programmable Multi-Protocol Host Interface
-
ISA-Style 5 Bit Address and 8 Bit
Data Bus
-
IOCHRDY and No Wait State Support
for Fast IR
-
Non-ISA 8 Bit Multiplexed
Address/Data Bus
-
Programmable Read/Write Interface
-
One 8 Bit DMA Channel
-
One Programmable IRQ
-
Chip Select
-
Multihost Interface Support Includes
Hitachi and Mitsubishi
Microcontrollers
!"
24MHz Crystal Oscillator
-
Supports Internal or External Clock
Source
!"
48 Pin TQFP Package
GENERAL DESCRIPTION
The CAM35C44 with IrDA v1.1 (4Mbps) and
Consumer IR support incorporates SMSC’s
advanced Infrared Communications Controller
(IrCC
2.0),
a
16C550A-compatible
UART,
Multiple Host Interface options, flexible Address
Decoding and up to five General Purpose I/Os.
The CAM35C44 also features sophisticated
power control circuitry to support multiple power
down
modes,
an
on-chip
24MHz
crystal
oscillator, and 12mA host bus drivers.
The CAM35C44 is particularly suited for 3.3v
battery-powered systems.
CAM35C44
ADVANCE INFORMATION


Similar Part No. - CAM35C44

ManufacturerPart #DatasheetDescription
logo
Clarke International
CAM300B CLARKE-CAM300B Datasheet
1Mb / 8P
VENTILATION FAN
DL0722 - ISS 3
CAM30110V CLARKE-CAM30110V Datasheet
1Mb / 8P
30 INCH DRUM FAN
GC11/25-Rev 1
CAM30B CLARKE-CAM30B Datasheet
1Mb / 8P
30 INCH DRUM FAN 230V
GC0725 - REV 1
More results

Similar Description - CAM35C44

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044 Datasheet
220Kb / 49P
SDLC COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
UNIVERSAL COMMUNICATIONS CONTROLLER
logo
SMSC Corporation
IRCC SMSC-IRCC Datasheet
434Kb / 79P
INFRARED COMMUNICATIONS CONTROLLER
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
Serial Communications Controller
logo
SMSC Corporation
CIRCC SMSC-CIRCC Datasheet
310Kb / 70P
Consumer Infrared Communications Controller
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
Infrared Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044_10 Datasheet
597Kb / 65P
SDLC Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com