Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 32 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 32 Page - Micronas

Back Button DDP3310B Datasheet HTML 28Page - Micronas DDP3310B Datasheet HTML 29Page - Micronas DDP3310B Datasheet HTML 30Page - Micronas DDP3310B Datasheet HTML 31Page - Micronas DDP3310B Datasheet HTML 32Page - Micronas DDP3310B Datasheet HTML 33Page - Micronas DDP3310B Datasheet HTML 34Page - Micronas DDP3310B Datasheet HTML 35Page - Micronas DDP3310B Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
32
Micronas
VERTICAL PARAMETERS
h’152
16-r/w
bit [6:0]
0... 127
window (LPFD
±VSYNWIN) for sync
detection
32
VSYNWIN
h’153
16-r/w
bit [9:0]
0... 1023
lines per field
312
LPFD
h’154
16-r/w
bit [9:0]
0... 1023
number of hold lines
10
HOLDL
h’155
16-r/w
bit [9:0]
0... 1023
number of flyback lines
(flyback booster active)
5
FLYBL
VERTICAL SAWTOOTH CORRECTION (%-values according to DAC range)
h’14D
16-r/w
bit [15:8]
−128...127 vertical amplitude (±25 %)
0
AMPL
h’14E
16-r/w
bit [14:6]
0...510
zoom (0...100...200 %)
256
ZOOM
h’14F
16-r/w
bit [15:8]
−128...127 vertical picture position (± 50 %)
(DC offset of Sawtooth output). This offset
is independent of EHT compensation.
0
VPOS
h’150
16-r/w
bit [15:8]
−128...127 linearity (±10 %)
0
LIN
h’151
16-r/w
bit [15:8]
−128...127 S-correction (±8%)
0
SCORR
EAST-WEST PARABOLA (%-values according to DAC range)
h’157
16-r/w
bit [15:7]
−256..255 picture width (0...100 %)
51
WIDTH
h’158
16-r/w
bit [15:8]
−128...127 trapez correction (±100 %)
0
TCORR
h’159
16-r/w
bit [15:8]
−128...127 cushion correction (±100 %)
0
CUSH
h’15A
16-r/w
bit [15:8]
−128...127 upper corner correction (±100 %)
0
CRNU
h’15B
16-r/w
bit [15:8]
−128...127 lower corner correction (±100 %)
0
CRNL
EXTREME HIGH-TENSION (EHT) COMPENSATION (%-values according to DAC range)
h’148
16-r/w
bit[15:6]
−512...511 EHT compensation coefficient for
horizontal phase (
±1.5µs)
0EHTHP
h’149
16-r/w
bit[14:6]
0...511
EHT time constant for horizontal phase
compensation
0 = off
0EHTH_TC
h’147
16-r/w
bit[15:6]
−512...511 EHT compensation coefficient for
horizontal amplitude (
±100 %)
0EHTH
h’15C
16-r/w
bit [15:6]
−512...511 EHT compensation coefficient for
vertical amplitude (
±25 %)
0EHTV
h’15D
16-r/w
bit [14:6]
0...511
time constant for control of vertical and
horizontal amplitude EHT compensation
0 = off
0EHTV_TC
Table 3–3: Control Registers of the XDFP, continued
XDFP Control and Status Registers
Subaddr.
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com