Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 34 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 34 Page - Micronas

Back Button DDP3310B Datasheet HTML 30Page - Micronas DDP3310B Datasheet HTML 31Page - Micronas DDP3310B Datasheet HTML 32Page - Micronas DDP3310B Datasheet HTML 33Page - Micronas DDP3310B Datasheet HTML 34Page - Micronas DDP3310B Datasheet HTML 35Page - Micronas DDP3310B Datasheet HTML 36Page - Micronas DDP3310B Datasheet HTML 37Page - Micronas DDP3310B Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
34
Micronas
3.3.1. Scaler Adjustment
In case of linear scaling, most of the scaler registers
need not be set. Only the scaler mode, active video
length, and the fixed scaler increments (SCINC1 /
SCINC2) must be written.
For adjustment of the scaler for non-linear scaling, the
parameters given in Table 3–4 should be used. An
example for “panorama vision” mode is depicted in
Fig. 3–4. It shows the scaling of the input signal and
the variation of the scaling factor during the active
video line. The scaling factor starts below 1, i.e. for the
borders the video data is expanded and after it
exceeds 1 it is compressed. When the picture center is
reached, the scaling factor is kept constant. At the sec-
ond border the scaling factor changes back symmetri-
cally.
Fig. 3–4: Scaler operation for “panorama” mode
Table 3–4: Setup values for non-linear scaler modes
Mode
27 MHz
32 MHz
Register
‘waterglass’
border 35 %
‘panorama’
border 30 %
‘waterglass’
border 35 %
‘panorama’
border 30 %
center 3/4
center 5/6
center 4/3
center 6/5
center 3/4
center 5/6
center 4/3
center 6/5
SCINC1
1099
1064
1024
1024
1195
1122
1024
1024
SCINC2
1024
1024
259
407
1024
1024
305
489
SCINC
60
6556
3854
4268
46
FFLIM
715
717
758
796
833
845
831
871
SCW1 - 0
20
10
106
106
51
37
109
126
SCW1 - 1
156
123
106
106
161
166
125
126
SCW1 - 2
202
236
273
292
256
257
291
310
SCW1 - 3
338
349
273
292
366
386
307
310
SCW1 - 4
358
359
379
398
417
423
416
436
SCW2 - 0
20
10
186
177
51
37
168
175
SCW2 - 1
156
123
186
177
161
166
184
175
SCW2 - 2
384
417
354
363
373
368
350
359
SCW2 - 3
520
530
354
363
483
497
366
359
SCW2 - 4
540
540
540
540
534
534
534
534
Compression
Ratio
Center
Border
Border
Input Signal
Output Signal
Compression
Zoom
Zoom
1
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com