Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 7 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 7 Page - Micronas

Back Button DDP3310B Datasheet HTML 3Page - Micronas DDP3310B Datasheet HTML 4Page - Micronas DDP3310B Datasheet HTML 5Page - Micronas DDP3310B Datasheet HTML 6Page - Micronas DDP3310B Datasheet HTML 7Page - Micronas DDP3310B Datasheet HTML 8Page - Micronas DDP3310B Datasheet HTML 9Page - Micronas DDP3310B Datasheet HTML 10Page - Micronas DDP3310B Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
7
2.1.4. Dynamic Peaking
Especially with decoded composite signals and notch
filter luminance separation as input signals, it is neces-
sary to improve the luminance frequency characteris-
tics. With transparent high-bandwidth signals, it is
sometimes desirable to soften the image.
In the DDP 3310B, the luma frequency response is
improved by “dynamic” peaking. It adapts to the ampli-
tude and the frequency of the input signal. Small AC
amplitudes are sharpened while large AC amplitudes
remain nearly unmodified.
The dynamic range can be adjusted from
−14 to
+14 dB for small high-frequency signals. There is sep-
arate adjustment for signal overshoot and for signal
undershoot. For large signals, the dynamic range is
limited by a non-linear function that does not create
any visible alias components. The peaking can be
switched over to “softening” by inverting the peaking
term by software.
The center frequency of the peaking filter is selectable
from 2.5 MHz to 3.2 MHz. For S-VHS and for notch fil-
ter
color
decoding,
the
total
system
frequency
responses for both PAL and NTSC are shown in Fig.
2–1 and Fig. 2–2. (All frequencies refer to a 50/60-Hz
video signal).
Fig. 2–1: Dynamic peaking frequency response
Fig. 2–2: Total frequency response for peaking filter and S-VHS, PAL, NTSC
dB
MHz
20
5
-5
-10
-15
-20
02
4
6
8
10
15
10
0
dB
MHz
20
5
-5
-10
-15
-20
02
4
6
8
10
15
10
0
dB
MHz
20
5
-5
-10
-15
-20
02
4
6
8
10
15
10
0
CF= 3.2 MHz
CF= 2.5 MHz
S-VHS
dB
MHz
20
5
-5
-10
-15
-20
02
4
6
8
10
15
10
0
dB
MHz
20
5
-5
-10
-15
-20
02
4
6
8
10
15
10
0
CF= 3.2 MHz
CF= 2.5 MHz
PAL/SECAM
dB
MHz
20
5
-5
-10
-15
-20
02
4
6
8
10
15
10
0
dB
MHz
20
5
-5
-10
-15
-20
02
4
6
8
10
15
10
0
CF= 2.5 MHz
CF= 3.2 MHz
NTSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com