Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 39 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 39 Page - Micronas

Back Button DDP3310B Datasheet HTML 35Page - Micronas DDP3310B Datasheet HTML 36Page - Micronas DDP3310B Datasheet HTML 37Page - Micronas DDP3310B Datasheet HTML 38Page - Micronas DDP3310B Datasheet HTML 39Page - Micronas DDP3310B Datasheet HTML 40Page - Micronas DDP3310B Datasheet HTML 41Page - Micronas DDP3310B Datasheet HTML 42Page - Micronas DDP3310B Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
39
Pin 22 – DAC Current Reference XREF (Fig. 4–13)
External reference resistor for DAC output currents,
typical 10 k
Ω, to adjust the output current of the D/A
converters. (see recommended operating conditions).
This resistor has to be connected to analog ground as
closely as possible to the pin.
Pin 23 – Scan Velocity Modulation Output SVM
(Fig. 4–14)
This output delivers the analog SVM signal (see Sec-
tion 2.1.11.). The D/A converter is a current sink like
the RGB D/A converters. At zero signal the output cur-
rent is 50 % of the maximum output current.
Pin 24, 25, 26 – Analog RGB Output ROUT, GOUT,
BOUT (Fig. 4–14)
These pins are the analog Red/Green/Blue outputs of
the back-end. The outputs are current sinks.
Pin 27 – Ground, Analog Back-end GNDO*
This pin has to be connected to the analog ground. No
supply current for the digital stages should flow
through this line.
Pin 28 – Supply Voltage, Analog Back-end VSUPO*
This pin has to be connected to the analog supply volt-
age. No supply current for the digital stages should
flow through this line.
Pin 29 – DAC Reference Decoupling/Beam Current
Safety VRD/BCS (Fig. 4–13)
Via this pin, the DAC reference voltage is decoupled by
an external capacitor. The DAC output currents
depend on this voltage, therefore a pull-down transis-
tor can be used to shut off all beam currents. A decou-
pling capacitor of 4.7
µF in parallel to 100 nF (low
inductance) is required.
Pin 30, 34 – Fast-Blank Input FBLIN1/2 (Fig. 4–7)
These pins are used to switch the RGB outputs to the
external analog RGB inputs. FBLIN1 switches the
RIN1, GIN1 and BIN1 inputs, FBLIN2 switches the
RIN2, GIN2 and BIN2 inputs. The active level (Low or
High) can be selected by software.
Pin 31, 32, 33 – Analog RGB Input1 RIN1, GIN1, BIN1
(Fig. 4–15)
These pins are used to insert an external analog RGB
signal, e.g. from a SCART connector which can by
switched to the analog RGB outputs with the Fast-
Blank signal. The analog back-end provides separate
brightness and contrast settings for the external ana-
log RGB signals (see Section 2.2.1. and Fig. ).
Pin 35, 36, 37 – Analog RGB Input2 RIN2, GIN2, BIN2
(Fig. 4–15)
These pins are used to insert an external analog RGB
signal, e.g. from a SCART connector which can by
switched to the analog RGB outputs with the Fast-
Blank signal. The analog back-end provides separate
brightness and contrast settings for the external ana-
log RGB signals (see Section 2.2.1. and Fig. ).
Pin 38 – Test Input TEST (Fig. 4–16)
This pin enables factory test modes. For normal opera-
tion it must be connected to ground.
Pin 39 – Reset Input RESQ (Fig. 4–16)
A low level on this pin resets the DDP 3310B.
Pin 40 – Adjustable DC Output 1 PWM1 (Fig. 4–17)
This output delivers a DC voltage with a resolution of
8 bit, adjustable over the I2C bus. The output is driven
by a push-pull stage. The PWM frequency is appr.
79.4 kHz. For a ripple-free voltage a first order lowpass
filter with a corner frequency <120 Hz should be
applied.
Pin 41 – Adjustable DC Output 2 PWM2 (Fig. 4–17)
See pin 40.
Pin 42 – Half-Contrast Input HCS (Fig. 4–18)
Via this input pin the output level of the D/A-converted
internal RGB signals can be reduced by 6 dB. Inserted
external analog RGB signals remain unchanged.
Pin 43...50 – Picture Bus Chroma C0...C7 (Fig. 4–3)
The Picture Bus Chroma lines carry the multiplexed
color component data. For the 4:1:1 input signal (4-bit
chroma) the pins C4...C7 are used.
Pin 51 – Supply Voltage, Digital Circuitry VSUPD*
Pin 52 – Ground, Digital Circuitry GNDD*
Digital Circuitry Input Reference
Pin 53 – Main Clock Input LLC2 (53) (Fig. 4–16)
This is the input for the line-locked clock signal. The
frequency can be 27, 32, or 40.5 MHz.
Pin 54...61 – Picture Bus Luma Y0...Y7 (Fig. 4–3)
The Picture Bus Luma lines carry the digital luminance
data.
Pin 62 – Line-Locked Clock Input LLC1 (Fig. 4–16)
This is the reference clock for the single frequency
input sync signals required in a FIFO application. The
frequency can be 13.5, 16, or 20.25 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com