Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 13 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 13 Page - Micronas

Back Button DDP3310B Datasheet HTML 9Page - Micronas DDP3310B Datasheet HTML 10Page - Micronas DDP3310B Datasheet HTML 11Page - Micronas DDP3310B Datasheet HTML 12Page - Micronas DDP3310B Datasheet HTML 13Page - Micronas DDP3310B Datasheet HTML 14Page - Micronas DDP3310B Datasheet HTML 15Page - Micronas DDP3310B Datasheet HTML 16Page - Micronas DDP3310B Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
13
2.2.3. Fast-Blank Monitor
The presence of external analog RGB sources can be
detected by means of a Fast-Blank monitor. The status
of the selected Fast-Blank input can be monitored via
an I2C register. There is a 2-bit information, giving
static and dynamic indication of a Fast-Blank signal.
The static bit is directly reading the Fast-Blank input
line, whereas the dynamic bit is reading the status of a
flip flop triggered by the negative edge of the Fast-
Blank signal.
With this monitor logic it is possible to detect if there is
an external RGB source active and if it is a full-screen
insertion or only a box. The monitor logic is connected
directly to the FBLIN1 or FBLIN2 pin. Selection is done
via I2C register.
Fig. 2–9: Fast-Blank selection logic
2.2.4. CRT Measurement and Control
The display processor is equipped with an 8/12-bit
PDM-ADC for all picture tube measuring purposes.
This MADC is connected to the SENSE input pin, the
input range is 0 to 1.6V.
Cutoff and white-drive current measurement are car-
ried out with 8-bit resolution during the vertical blank-
ing interval. The current range for cutoff measurement
is set by connecting the resistor R1 to the SENSE
input. Due to the fact of a 1:10 relation between cutoff
and white-drive current, the range select 2 output
(RSW2) becomes active for the white-drive measure-
ment and connects R3 in parallel to R1, thus determin-
ing the correct current range. During the active picture,
the MADC is used for the average beam current limiter
with a 12-bit resolution. Again, a different measure-
ment range is selected with active range select 1&2
outputs (RSW1&RSW2) connecting R2 in parallel to
R3 and R1. See Fig. 2–10 and Fig. 2–11 for the corre-
sponding timing. These measurements are typically
done at the summation point of the picture tube cath-
ode currents.
Another method uses two different current measure-
ments. The range switch 1 pin (RSW1) can be used as
a second Sense input, selectable by software. In this
case, the cutoff and white-drive currents are measured
as before at the SENSE input. The active picture mea-
surement can be done with the second Sense input
(RSW1). The signal may come (via a proper interface)
from the low end of the EHT coil (CRT anode current).
In this case, the resistor R2 in Fig. 2–10 has to be
removed.
Fig. 2–10: MADC range switch
FBLIN1
FBLIN2
#
Fast-
Blank
Monitor
FBPOL
FBFOH1
FBPRIO
Fast-
Blank
int
Fast-
Blank
Selection
FBFOH2
FBMON
FBFOL1
FBFOL2
#
SENSE
RSW1
RSW2
R2
R3
Beam Current 1
A
D
MADC
R1
Beam Current 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com