Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 28 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 28 Page - Micronas

Back Button DDP3310B Datasheet HTML 24Page - Micronas DDP3310B Datasheet HTML 25Page - Micronas DDP3310B Datasheet HTML 26Page - Micronas DDP3310B Datasheet HTML 27Page - Micronas DDP3310B Datasheet HTML 28Page - Micronas DDP3310B Datasheet HTML 29Page - Micronas DDP3310B Datasheet HTML 30Page - Micronas DDP3310B Datasheet HTML 31Page - Micronas DDP3310B Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
28
Micronas
BRIGHTNESS and CONTRAST
h’165
16-r/w
bit[14:6]
0..511
analog contrast for external RGB
360
EXT_CONTR
h’166
16-r/w
bit[15:6]
−256..255 analog brightness for external RGB
The range allows for both increase and reduction of brightness.
128
EXT_BRT
h’167
16-r/w
bit[15:6]
−256..255 internal analog brightness
The range allows for both increase and reduction of brightness.
24
INT_BRT
BCL
h’D7
16-r/w
bit[14:3]
0..4095
measured beam current, latched every line
except during vertical blanking
0BC
h’
160
16-r/w
bit[15:4]
0... 2047
BCL threshold current if SENSE input used
0...
−2048 BCL threshold current if RSW1 input used
(max. ADC output ~2047)
64
BCL_THRES
h’
161
16-r/w
bit[8:0]
0...511
BCL time constant;
0 = off
0BCL_TC
h’
162
16-r/w
bit[14:6]
0...511
BCL loop gain
0
BCL_GAIN
h’
163
16-r/w
bit[14:6]
0...511
BCL minimum contrast; (= 0..max contrast)
256
BCL_MIN_C
h’
164
16-r/w
bit[14:6]
0...511
BCL minimum brightness; (= 0..max
bright.)
256
BCL_MIN_B
Table 3–3: Control Registers of the XDFP, continued
XDFP Control and Status Registers
Subaddr.
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com