Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 23 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 23 Page - Micronas

Back Button DDP3310B Datasheet HTML 19Page - Micronas DDP3310B Datasheet HTML 20Page - Micronas DDP3310B Datasheet HTML 21Page - Micronas DDP3310B Datasheet HTML 22Page - Micronas DDP3310B Datasheet HTML 23Page - Micronas DDP3310B Datasheet HTML 24Page - Micronas DDP3310B Datasheet HTML 25Page - Micronas DDP3310B Datasheet HTML 26Page - Micronas DDP3310B Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
23
Table 3–2: I2C Control Registers
I2C Control and Status Registers
Subaddr.
Mode
Function
Default
Name
XDFP INTERFACE
h’13
16-w
XDFP read address
bit[[9:0]
10-bit XDFP RAM address
bit[15:10]
0
reserved, set to zero
DFPRD
h’12
16-w
XDFP write address
bit[[9:0]
10-bit XDFP RAM address
bit[15:10]
reserved, set to zero
DFPWR
ANALOG FAST-BLANK MONITOR
h’1E
8-r
Fast-Blank signal status
bit[0]
0/1
FBLIN level Low/High
bit[1]
FBLIN slope: 1 = falling edge occurred
bit[7:2]
not used
FBLSTAT
FBLEV
FBSLO
h’11
16-r/w
picture frame color, 12 bit wide
bit[3:0]
0..15
blue amplitude
bit[7:4]
0..15
green amplitude
bit[11:8]
0..15
red amplitude
bit[15:12]
0
not used
0
0
0
0
PFC
PFCB
PFCG
PFCR
OUTPUT PINS
h’10
8-r/w
output pin configuration
bit[2:0]
pin driver strength, FIFO control
7 = output tristate
6 = minimum strength
0 = maximum strength
bit[3]
0/1
strong/weak driver strength PWM1
bit[4]
0/1
strong/weak driver strength PWM2
bit[5]
0/1
disable/enable internal resistor for vertical
and East/West drive output
bit[6]
0/1
High/Low-active horizontal flyback input
bit[7]
0/1
disable/enable following I/O pin:
FIFO -controll signals, PWM1&2, HCS,
R/G/BIN2, and VS2.
0
0
0
0
0
0
PSTR
PSTSY
PSTPR1
PSTPR2
VEWXR
FLYPOL
OSDOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com