Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 14 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 14 Page - Micronas

Back Button DDP3310B Datasheet HTML 10Page - Micronas DDP3310B Datasheet HTML 11Page - Micronas DDP3310B Datasheet HTML 12Page - Micronas DDP3310B Datasheet HTML 13Page - Micronas DDP3310B Datasheet HTML 14Page - Micronas DDP3310B Datasheet HTML 15Page - Micronas DDP3310B Datasheet HTML 16Page - Micronas DDP3310B Datasheet HTML 17Page - Micronas DDP3310B Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
14
Micronas
The picture tube measurement returns results on
every field for:
– cutoff R
– cutoff G
– cutoff B
– white-drive R or G or B (sequentially)
Thus, a cutoff control cycle for RGB requires one field
only while a complete white-drive control cycle
requires three fields. During cutoff and white-drive
measurement the average beam current limiter func-
tion (see Section 2.2.5.) is switched off. The amplitude
of the cutoff and white-drive measurement lines can be
programmed separately with IBRM and WDRM (see
Fig. 2–11). The start line for the tube measurement
(cutoff red) can be programmed via I2C-bus (TML).
The built-in control loop for cutoff and white-drive can
operate
in
three
different
modes
selected
by
CUT(WDR)_GAIN and CUT(WDR)_DIS.
– The user control mode is selected by setting
CUT(WDR)_GAIN = 0. In this mode the registers
CUT(WDR)_R/G/B are used as direct control values
for cutoff and drive using the whole 9-bit range. If
the
measurement
lines
are
enabled
(CUT(WDR)_DIS = 0) the user can read the mea-
sured cutoff & white drive values in the CUT-
OFF(WDRIVE)_R/G/B registers. An external soft-
ware
can
now
control
the
settings
of
the
CUT(WDR)_R/G/B registers.
– The
automatic
mode
is
selected
by
setting
CUT(WDR)_GAIN > 0 and CUT(WDR)_DIS = 0. In
this mode, the registers CUT(WDR)_R/G/B are
used as reference for the measured values (CUT-
OFF(WDRIVE)_R/G/B). Due to the 8-bit resolution
of the ADC, only 8 LSB can be used as reference
values. The calculated error is used with a small
hysteresis (1,5 %) to adjust cutoff and drive. The
higher the loop gain
(CUT(WDR)_GAIN), the
smaller the time constant for the adjustment.
– If
the
automatic
mode
was
once
enabled
(CUT(WDR)_GAIN > 0), the control loop can be
stopped by setting CUT(WDR)_DIS = 1. In this
mode, the calculated cutoff and drive values will no
longer be modified and the measurement lines are
suppressed. Changes of the reference values
(CUT(WDR)_R/G/B) have no effect.
If one of the calculated red, green, or blue white-drive
values exceeds its maximal possible value (WDR_R/
G/B>511), the white balance gets misadjusted. An
automatic drive saturation avoidance prevents from
this effect (WDR_SAT = 1) from occurring. If one drive
value
exceeds
the
maximum
allowed
threshold
(MAX_WDR), the amplitude of the white-drive mea-
surement line will be increased and decreased if one
of them goes below the fixed threshold 475.
Fig. 2–11: MADC measurement timing
Ultra Black
Black
Cutoff
White-
Drive
CUT_R + IBRM
CUT_R + IBRM + WDRM
×WDR_R
TML
CUT_G + IBRM
CUT_B + IBRM
CUTOFF
Active
Resistors
R1||R2||R3
R1
R1||R3
R
R
Cutoff
Cutoff
G
B
R1||R2||R3
VBST
Lines
Measurement
VBSO
WDR
OFFSET
BCL
BCL
R1
ROUT
GOUT
BOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com