Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 49 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 49 Page - Micronas

Back Button DDP3310B Datasheet HTML 45Page - Micronas DDP3310B Datasheet HTML 46Page - Micronas DDP3310B Datasheet HTML 47Page - Micronas DDP3310B Datasheet HTML 48Page - Micronas DDP3310B Datasheet HTML 49Page - Micronas DDP3310B Datasheet HTML 50Page - Micronas DDP3310B Datasheet HTML 51Page - Micronas DDP3310B Datasheet HTML 52Page - Micronas DDP3310B Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
49
4.6.4.7. Horizontal and Vertical Sync Inputs and Clock and Freqency Select Pins
Fig. 4–23: Sync Inputs referenced to line-locked clock
4.6.4.8. Horizontal Flyback Input
4.6.4.9. FIFO Control Signals
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
HS
VS
VS2
CM0
CM1
FREQSEL
−−
0.8
V
VIH
Input High Voltage
2.0
−−
V
CIN
Input Capacitance
−
5
−
pF
tIS
Input Setup Time
HS
VS
VS2
6
−−
ns
tIH
Input Hold Time
7
−−
ns
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
HFLB
−−
1.8
V
VIH
Input High Voltage
2.6
−−
V
VIHST
Input Hysteresis
0.1
−−
V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Low Voltage
FIFORRD
FIFORD
FIFORWR
FIFOWR
−−
0.4
V
IOL = 1.6 mA
I2C[PSTSY] = 6
VOH
Output High Voltage
VSUPP
− 0.4
−
VSUPP
V
−I
OL = 1.6 mA
I2C[PSTSY] = 6
tOT
Output Transition Time
−
10
20
ns
CLOAD = 30pF
I2C[PSTSY] = 6
IOL
Output Current
−10
−
10
mA
HS, VS, VS2 Inputs
tIS
tIH
VIH
VIL
VIH
VIL
LLC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com