Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 33 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 33 Page - Micronas

Back Button DDP3310B Datasheet HTML 29Page - Micronas DDP3310B Datasheet HTML 30Page - Micronas DDP3310B Datasheet HTML 31Page - Micronas DDP3310B Datasheet HTML 32Page - Micronas DDP3310B Datasheet HTML 33Page - Micronas DDP3310B Datasheet HTML 34Page - Micronas DDP3310B Datasheet HTML 35Page - Micronas DDP3310B Datasheet HTML 36Page - Micronas DDP3310B Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
33
ANALOG RGB INSERTION
h’17A
16-r/w
Fast-Blank interface mode
bit [0]
0
Fast-Blank from FBLIN1 pin
1
force internal Fast-Blank signal to High
bit [1]
0/1
Fast-Blank active High/Low at FBLIN pin
bit [2]
0
Fast-Blank from FBLIN1 pin
1
force internal Fast-Blank signal to Low
bit[3]
Fast-Blank priority
0
FBLIN1>FBLIN2
1
FBLIN1<FBLIN2
bit [4]
0
Fast-Blank from FBLIN2 pin
1
force internal Fast-Blank signal to Low
bit [5]
0
Fast-Blank from FBLIN2 pin
1
force internal Fast-Blank signal to High
bit[6]
0/1
Fast-Blank monitor input select FBLIN1/2
bit[7]
0/1
disable/enable clamping for RGBIN1&2
bit[8]
0/1
half contrast signal active High/Low
at HCS pin
bit[9]
0/1
disable/enable half contrast switching
bit[10]
0
half contrast signal from HCS pin
1
force internal half contrast signal to High
bit[11]
0
clamp RGBIN1 to black (if CLAMP =1)
1
clamp RGBIN1 to bias (if CLAMP =1)
bit[12]
0
clamp RGBIN2 to black (if CLAMP =1)
1
clamp RGBIN2 to bias (if CLAMP =1)
0
0
0
0
0
0
0
0
0
0
0
0
0
FBLMODE
FBFOH1
FBPOL
FBFOL1
FBPRIO
FBFOL2
FBFOH2
FBMON
CLAMP
HCSPOL
HCSEN
HCSFOH
C1_B
C2_B
I2C-CONTROLLED 8-BIT PWM
h’178
16-r/w
bit[7:0]
0..255
PWM1 data word
0
PWM1
h’179
16-r/w
bit[7:0]
0..255
PWM2 data word
0
PWM2
XDFP STATUS REGISTER
h’0
16-r/w
firmware version number
bit[7:0]
firmware release
bit[15:8]
hardware version number (TC)
−
−
VER
FW_REL
HW_VER
Table 3–3: Control Registers of the XDFP, continued
XDFP Control and Status Registers
Subaddr.
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com