Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 38 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 38 Page - Micronas

Back Button DDP3310B Datasheet HTML 34Page - Micronas DDP3310B Datasheet HTML 35Page - Micronas DDP3310B Datasheet HTML 36Page - Micronas DDP3310B Datasheet HTML 37Page - Micronas DDP3310B Datasheet HTML 38Page - Micronas DDP3310B Datasheet HTML 39Page - Micronas DDP3310B Datasheet HTML 40Page - Micronas DDP3310B Datasheet HTML 41Page - Micronas DDP3310B Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
38
Micronas
4.3. Pin Description
Pin 1 – Supply Voltage, Output Pin Driver VSUPP*
This pin is used as supply for the following digital out-
put pins: FIFORRD, FIFORD, FIFOWR, FIFORWR.
Pin 2 – Ground, Output Pin Driver GNDP*
Output Pin Driver Reference
Pin 3 – Sync Signal Input VS2 (Fig. 4–3)
Additional pin for the vertical sync information. Via I2C-
Register the used vertical sync can be switched
between the inputs VS2 and VS (Pin 64)
Pin 4 – Reset for FIFO Read Counter FIFORRD
(Fig. 4–4)
This signal is active-High and resets the read counter
in the display frequency doubling FIFO.
Pin 5 – Read Enable for FIFO FIFORD (Fig. 4–4)
This signal is active-High and enables the read counter
in the display frequency doubling FIFO.
Pin 6 – Write Enable for FIFO FIFOWR (Fig. 4–4)
This signal is active-High and enables the write
counter in the display frequency doubling FIFO.
Pin 7 – Reset for FIFO Write Counter FIFORWR (Fig.
4–4)
This signal is active-High and resets the write counter
in the display frequency doubling FIFO.
Pin 8 – Horizontal Drive HOUT (Fig. 4–5)
This open-drain output supplies the drive pulse for the
horizontal output stage. A pull-up resistor has to be
used (see Section 2.3.).
Pin 9 – Horizontal Flyback Input HFLB (Fig. 4–6)
Via this pin, the horizontal flyback pulse is supplied to
the DDP 3310B (see Section 2.3.).
Pin 10 – Safety Input SAFETY (Fig. 4–6)
This input has two thresholds. A signal between the
lower and upper threshold means normal function.
Other signals are detected as malfunction (see Section
2.3.9.).
Pin 11 – Vertical Protection Input VPROT (Fig. 4–7)
The vertical protection circuitry prevents the picture
tube from burn-in in the event of a malfunction of the
vertical deflection stage. If the peak-to-peak value of
the vertical sawtooth signal is too small, the RGB out-
put signals are blanked (see Section 2.3.9.).
Pin 12 – H-Drive Frequency Range Select FREQSEL
(Fig. 4–3)
This pin selects the frequency range for the horizontal
drive signal (see Section 2.3.2.).
Pin 13 – Clock Select 40.5 or 27/32 MHz CM1
(Fig. 4–3)
Low level selects 27/32 MHz, High level selects
40.5 MHz (see Section 2.3.12.).
Pin 14 – Clock Select 27 or 32 MHz CM0 (Fig. 4–3)
Low level selects 27 MHz, High level selects 32 MHz
(see Section 2.3.12.).
Pin 15 – Range Switch2 for Measuring ADC RSW2
(Fig. 4–8)
This pin is an open-drain pull-down output. During cut-
off measurement the switch is off. During white drive
measurement the switch is on. Also during the rest of
time it is on. (see Section 2.2.4.).
Pin 16 – Range Switch1 or Second Input for Measur-
ing ADC RSW1 (Fig. 4–9)
This pin is an open-drain pull-down output. During cut-
off and white-drive measurement, the switch is off.
During the rest of time it is on. The RSW1 pin can be
used as second measurement ADC input (see Section
2.2.4.).
Pin 17 – Measurement ADC Input SENSE (Fig. 4–10)
This is the input of the analog to digital converter for
the picture and tube measurement. Three measure-
ment ranges are selectable with RSW1 and RSW2
(see Section 2.2.4.).
Pin 18 – Measurement ADC Reference Input MGND
This is the ground reference for the measurement
A/D converter.
Pin 19 – Vertical Sawtooth Output VERT+ (19)
(Fig. 4–11)
This pin supplies the drive signal for the vertical output
stage. The drive signal is generated with 15-bit preci-
sion. The analog voltage is generated by a 4-bit cur-
rent DAC with external resistor (6 k
Ω for proper opera-
tion) and uses digital noise-shaping.
Pin 20 – Vertical Sawtooth Output inverted VERT
−
(Fig. 4–11)
This pin supplies the inverted signal of VERT+.
Together with this pin, it can be used to drive symmet-
rical deflection amplifiers.
Pin 21 – East/West Parabola Output EW (Fig. 4–12)
This pin supplies the parabola signal for the East/West
correction. The drive signal is generated with 15-bit
precision. The analog voltage is generated by a 4-bit
current DAC with external resistor and uses digital
noise-shaping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com