Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 45 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 45 Page - Micronas

Back Button DDP3310B Datasheet HTML 41Page - Micronas DDP3310B Datasheet HTML 42Page - Micronas DDP3310B Datasheet HTML 43Page - Micronas DDP3310B Datasheet HTML 44Page - Micronas DDP3310B Datasheet HTML 45Page - Micronas DDP3310B Datasheet HTML 46Page - Micronas DDP3310B Datasheet HTML 47Page - Micronas DDP3310B Datasheet HTML 48Page - Micronas DDP3310B Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
45
4.6.3. Recommended Crystal Characteristics
4.6.4. Characteristics
Min./Max. values at: TA = 0 to 65 °C, VSUP(P/D/O) = 4.75 to 5.25 V, Rxref = 10 kΩ, f = 27 MHz
Typical values at:
TC = 70 °C,
VSUP(P/D/O) = 5 V,
Rxref = 10 kΩ, f = 27 MHz
4.6.4.1. General Characteristics
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
fP
Parallel Resonance Frequency
@ CL=16 pF
XTAL1
XTAL2
−
5
−
MHz
RR
Series Resonance Resistance
@CL=16 pF, fP=5 MHz
−−
150
Ω
C0
Shunt (Parallel) Capacitance
−−
6pF
CLext
see
Remarks!
External Load Capacitances (from both
crystal pins connected to GNDD)
−
27
−
pF
Remarks:
External capacitors at each crystal pin to ground are required. They are necessary to tune the effective load
capacitance (including the capacitance of the printed circuit board and the IC package) to the required load
capacitance CL of the crystal. A higher capacitance will result in a lower clock frequency. The exact value of the
matching capacitor should be determined in the actual application (PCB layout).
CLext = 2 (CL − CPCB − CPACK)
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
IVSUPO
Current Consumption
Analog Back-end
VSUPO
−
65
−
mA
IVSUPD
Current Consumption
Digital Processing
VSUPD
−
225
−
mA
IVSUPP
Current Consumption
Output Pin Driver
VSUPP
−
10
−
mA
PTOT
Total Power Dissipation
−
1.5
−
W
IL
Input and Output Leakage Current
(if not otherwise specified)
−−
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com