Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 21 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 21 Page - Micronas

Back Button DDP3310B Datasheet HTML 17Page - Micronas DDP3310B Datasheet HTML 18Page - Micronas DDP3310B Datasheet HTML 19Page - Micronas DDP3310B Datasheet HTML 20Page - Micronas DDP3310B Datasheet HTML 21Page - Micronas DDP3310B Datasheet HTML 22Page - Micronas DDP3310B Datasheet HTML 23Page - Micronas DDP3310B Datasheet HTML 24Page - Micronas DDP3310B Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
21
3. Serial Interface
3.1. I2C-Bus Interface
Communication between the DDP 3310B and the
external
controller
is
done
via
I2C-bus.
The
DDP 3310B has an I2C-bus slave interface and uses
I2C clock synchronization to slow down the interface if
required.
Basically, there are two classes of registers in the
DDP 3310B:
1. The first class are directly addressable I2C registers.
They are embedded in the hardware. These regis-
ters are 8 or 16 bit wide.
2. The second class are “XDFP-REGISTERS”, which
are used by the “XDFP” on-chip controller. These
registers are all 16 bit wide and read- and writable.
Communication with these registers requires I2C
packets with a 16-bit XDFP-register address and
16-bit data.
Communication with both classes of registers (I2C and
XDFP-REGISTERS) are performed via I2C; but the for-
mat of the I2C telegram depends on which type of reg-
ister is being accessed.
The I2C-bus chip address of the DDP 3310B is given
below:
3.2. I2C Control and Status Registers
The I2C-bus interface uses one level of subaddress.
First, the bus address selects the IC, then a subad-
dress selects one of the internal registers. They have
8- or 16-bit data size; 16-bit registers are accessed by
reading/writing two 8-bit data words.
– Writing is done by sending the device address first
followed by the subaddress byte and one or two
data bytes.
– For reading, the read address has to be transmitted
first by sending the device write address, followed
by the subaddress, a second start condition with the
device read address, and reading one or two bytes
of data.
Fig. 3–2 shows I2C protocol for read and write opera-
tions; the read operation requires an extra start condi-
tion and repetition of the chip address with read com-
mand set. Table 3–2 gives definitions of the I2C control
and status registers.
Fig. 3–1: I2C-Bus protocol (MSB first, data must be stable while clock is High)
Fig. 3–2: I2C-Bus protocol
A6
A5
A4
A3
A2
A1
A0
R/W
100
0101
1/0
SDA
SCL
1
0
S
P
I2C-Bus Start Condition
I2C-Bus Stop Condition
S
P
=
=
Nak
Ack
S
1000 101 W Ack
Sub-Addr.
Ack S
1000 101
Ack
R
High-Byte Data
Low-Byte Data
1- or 2-Byte Data
S
1000 101 W Ack Sub-Addr. Ack
Ack
P
P
Write to I2C Control Register :
Read from I2C Control Register :
Start Condition
Stop Condition
W
R
Ack
Nak
S
P
=
1 (Read Bit)
0 (Write Bit)
=
=
=
=
=
0 (Acknowledge Bit from DDP 3310B=gray
1 (Not Acknowledge Bit from controller=hatched
or controller=hatched)
indicating an error state from DDP 3310B=gray)
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com