Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 46 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 46 Page - Micronas

Back Button DDP3310B Datasheet HTML 42Page - Micronas DDP3310B Datasheet HTML 43Page - Micronas DDP3310B Datasheet HTML 44Page - Micronas DDP3310B Datasheet HTML 45Page - Micronas DDP3310B Datasheet HTML 46Page - Micronas DDP3310B Datasheet HTML 47Page - Micronas DDP3310B Datasheet HTML 48Page - Micronas DDP3310B Datasheet HTML 49Page - Micronas DDP3310B Datasheet HTML 50Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
46
Micronas
4.6.4.2. Line-locked Clock Inputs: LLC1, LLC2 (see Fig. 4–21)
4.6.4.3. Luma, Chroma Inputs (see Fig. 4–21)
Fig. 4–21: Line-locked clock input pins and luma/chroma bus input timing
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
LLC1
LLC2
−−
0.8
V
VIH
Input High Voltage
2.0
−−
V
tSK
Clock skew
−−
±6ns
tR, tF
Clock Rise / Fall Time
−−
5ns
CIN
Input Capacitance
−
5
−
pF
1/TLLC1
Clock Frequency
LLC1
12.0
−
17.2
MHz
tWL1
Clock Low Time
26
−−
ns
tWH1
Clock High Time
26
−
ns
1/TLLC2
Clock Frequency
LLC2
25.1
−
43.3
MHz
tWL2
Clock Low Time
7
−−
ns
tWH2
Clock High Time
7
−−
ns
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
Y[0...7]
C[0...7]
−−
0.8
V
VIH
Input High Voltage
2.0
−−
V
tIS
Input Setup Time
7
−−
ns
tIH
Input Hold Time
6
−−
ns
CIN
Input Capacitance
−
5
−
pF
Y,C Inputs
LLC2
tIS
tIH
LLC1
VIH
VIL
VIH
VIL
tSK
tSK
tR2
tF2
tWL2
tWH2
TLLC2
tWL1
tWH1
tR1
tF1
TLLC1
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com