Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP3310B Datasheet(PDF) 11 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 11 Page - Micronas

Back Button DDP3310B Datasheet HTML 7Page - Micronas DDP3310B Datasheet HTML 8Page - Micronas DDP3310B Datasheet HTML 9Page - Micronas DDP3310B Datasheet HTML 10Page - Micronas DDP3310B Datasheet HTML 11Page - Micronas DDP3310B Datasheet HTML 12Page - Micronas DDP3310B Datasheet HTML 13Page - Micronas DDP3310B Datasheet HTML 14Page - Micronas DDP3310B Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
FBL1/2
in
Peaking
Soft Limiter
CTI
digital
RGB
Matrix
Satu-
ration
SVM
2
×DAC
V, E/W
3
×DAC
RGB
Scan.
Vel. Mod.
Measu-
rement
ADC
RGB
out
RGB1
in
Sense
H-Flyb
HDrive
V & E/W
CrCb
4:2:2/4:1:1
FIFO
Write Ctrl
Line-locked
Clock
27/32 MHz
RSW1&2
3
×DAC
int. Bright.
×White-Drive
DAC
cutoff
3
×DAC
ext. Bright.
×White-Drive
3
×DAC
ext. Contr.
×White-drive
×BCL
Contrast
Y
Intpl.
4:4:4
Y
Cr
Cb
Y
Cr
Cb
R,G,B
R,G,B
White-Dr.
× BCL
DAC
black
FBL
Prio
Clamp-
ing
Clamp-
ing
XDFP
– H-PLL2/3, flyback control
and soft start/stop
– vertical, E/W deflection
with EHT compensation
and vertical zoom
– beam current limiter
– cutoff & drive control loop
H-Drive
Gen.
H/V
Protection
Clk
Security
Scaler
1
FI-
FO
Scaler
2
Scaler
1
FI-
FO
Scaler
2
H & V
Timing
H-Flyb.
Skew
RGB2
in
R,G,B
R,G,B
H/V Prot.
5 MHz
CLK
FI-
FO
Cock
Generator
FI-
FO
27/32 MHz
40.5/40.0 MHz
digital/analog
DAC
Picture
Frame
Gen.
Display
Frequency
Doubling
FIFO
Read Ctrl
13.5/16 MHz
H / V
I2C
Inter-
face
SDA/
SCL
dig. Bright.
int. H/V
Intpl.
4:2:2
Fig. 2–7: Detailed block diagram of the DDP 3310B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com