Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 4Page - Dallas Semiconductor DS17885 Datasheet HTML 5Page - Dallas Semiconductor DS17885 Datasheet HTML 6Page - Dallas Semiconductor DS17885 Datasheet HTML 7Page - Dallas Semiconductor DS17885 Datasheet HTML 8Page - Dallas Semiconductor DS17885 Datasheet HTML 9Page - Dallas Semiconductor DS17885 Datasheet HTML 10Page - Dallas Semiconductor DS17885 Datasheet HTML 11Page - Dallas Semiconductor DS17885 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
DS17885/DS17887
8 of 38
The three time alarm bytes can be used in two ways. First, when the alarm time is written in the
appropriate hours, minutes, and seconds alarm locations, the alarm interrupt is initiated at the specified
time each day if the alarm enable bit is high. The second use condition is to insert a “don’t care” state in
one or more of the three time alarm bytes. The “don’t care” code is any hexadecimal value from C0 to
FF. The two most significant bits of each byte set the “don’t care” condition when at logic 1. An alarm is
generated each hour when the “don’t care” bits are set in the hours byte. Similarly, an alarm is generated
every minute with “don’t care” codes in the hours and minute alarm bytes. The “don’t care” codes in all
three time alarm bytes create an interrupt every second. The three time-alarm bytes can be used with the
date alarm as described in Wake-Up/Kickstart. The century counter is discussed later in this text.
Table 1. TIME, CALENDAR, AND ALARM DATA MODES
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA MODE
BCD DATA MODE
OOH
Seconds
0 to 59
00 to B
00 to 59
01H
Seconds Alarm
0 to 59
00 to 3B
00 to 59
02H
Minutes
0 to 59
00 to 3B
00 to 59
03H
Minutes Alarm
0 to 59
00 to 3B
00 to 59
Hours 12-hour Mode
1 to 12
01 to 0C AM, 81 to 8C PM
01 to 12 AM, 81 to 92 PM
04H
Hours 24-hour Mode
0 to 23
00 to 17
00 to 23
Hours Alarm 12-hour Mode
1 to 12
01 to 0C AM, 81 to 8C PM
01 to 12 AM, 81 to 92 PM
05H
Hours Alarm 24-hour Mode
0 to 23
00 to 17
00 to 23
06H
Days of the Week Sunday = 1
1 to 7
01 to 07
01 to 07
07H
Date of Month
1 to 31
01 to 1F
01 to 31
08H
Month
1 to 12
01 to 0C
01 to 12
09H
Year
0 to 99
00 to 63
00 to 99
BANK 1, 48H
Century
0 to 99
00 to 63
00 to 99
BANK 1, 49H
Date Alarm
1 to 31
01 to 1F
01 to 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com