Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 19Page - Dallas Semiconductor DS17885 Datasheet HTML 20Page - Dallas Semiconductor DS17885 Datasheet HTML 21Page - Dallas Semiconductor DS17885 Datasheet HTML 22Page - Dallas Semiconductor DS17885 Datasheet HTML 23Page - Dallas Semiconductor DS17885 Datasheet HTML 24Page - Dallas Semiconductor DS17885 Datasheet HTML 25Page - Dallas Semiconductor DS17885 Datasheet HTML 26Page - Dallas Semiconductor DS17885 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
DS17885/DS17887
23 of 38
SYSTEM MAINTENANCE INTERRUPT (SMI) RECOVERY STACK
An SMI recovery register stack is located in the extended register bank, locations 4Eh and 4Fh. This
register stack, shown below, can be used by the BIOS to recover from an SMI occurring during an RTC
read or write.
The RTC address is latched on the falling edge of the ALE signal. Each time an RTC address is latched,
the register address stack is pushed. The stack is only four registers deep, holding the three previous RTC
addresses in addition to the current RTC address being accessed. The following waveform illustrates how
the BIOS could recover the RTC address when an SMI occurs.
1) The RTC address is latched.
2) An SMI is generated before an RTC read or write occurs.
3) RTC address 0Ah is latched and the address from 1 is pushed to the “RTC Address–1” stack location.
This step is necessary to change the bank select bit, DV0 = 1.
4) RTC address 4Eh is latched and the address from 1 is pushed to location 4Eh, “RTC Address–2”
while 0Ah is pushed to the “RTC Address–1” location. The data in this register, 4Eh, is the RTC
address lost due to the SMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com