Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 23Page - Dallas Semiconductor DS17885 Datasheet HTML 24Page - Dallas Semiconductor DS17885 Datasheet HTML 25Page - Dallas Semiconductor DS17885 Datasheet HTML 26Page - Dallas Semiconductor DS17885 Datasheet HTML 27Page - Dallas Semiconductor DS17885 Datasheet HTML 28Page - Dallas Semiconductor DS17885 Datasheet HTML 29Page - Dallas Semiconductor DS17885 Datasheet HTML 30Page - Dallas Semiconductor DS17885 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
DS17885/DS17887
27 of 38
RTC AC TIMING CHARACTERISTICS
Over the operating range (3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
360
DC
ns
Pulse-Width, RD / WR Low
PWRWL
200
ns
Pulse-Width, RD / WR High
PWRWH
150
ns
Input Rise and Fall
tR, tF
30
ns
Chip-Select Setup Time
Before WR or RD
tCS
20
ns
Chip-Select Hold Time
tCH
0ns
Read Data Hold Time
tDHR
10
90
ns
Write Data Hold Time
tDHW
0ns
Muxed Address Valid Time to
ALE Fall
tASL
40
ns
Muxed Address Hold Time to
ALE Fall
tAHL
10
ns
RD
or WR High Setup to
ALE Rise
tASD
30
ns
Pulse-Width ALE High
PWASH
40
ns
ALE Low Setup to RD or WR
Fall
tASED
30
ns
Output Data-Delay Time from
RD
tDDR
20
200
ns
6
Data Setup Time
tDSW
70
ns
IRQ
Release from RD
tIRD
2
ms
AC TEST CONDITIONS
Output Load: 50pF
Input Pulse Levels: 0V to 3.0V
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input Pulse Rise and Fall Times: 5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com