Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 13Page - Dallas Semiconductor DS17885 Datasheet HTML 14Page - Dallas Semiconductor DS17885 Datasheet HTML 15Page - Dallas Semiconductor DS17885 Datasheet HTML 16Page - Dallas Semiconductor DS17885 Datasheet HTML 17Page - Dallas Semiconductor DS17885 Datasheet HTML 18Page - Dallas Semiconductor DS17885 Datasheet HTML 19Page - Dallas Semiconductor DS17885 Datasheet HTML 20Page - Dallas Semiconductor DS17885 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
DS17885/DS17887
17 of 38
can be used to determine if and how many RTC writes have occurred since the last time this register was
read.
Auxiliary Battery
The VBAUX input is provided to supply power from an auxiliary battery for the DS17885/DS17887
kickstart, wake-up, and SQW output features in the absence of VCC. This power source must be available
in order to use these auxiliary features when no VCC is applied to the device.
The auxiliary-battery-enable (ABE; bank 1, register 04BH) bit in extended control register 4B is used to
turn the auxiliary battery on and off for the above functions in the absence of VCC. When set to a 1, VBAUX
battery power is enabled; when cleared to 0, VBAUX battery power is disabled to these functions.
In the DS17885/DS17887, this auxiliary battery can be used as the primary backup power source for
maintaining the clock/calendar, user RAM, and extended external RAM functions. This occurs if the
VBAT pin is at a lower voltage than VBAUX. If the DS17885 is to be backed-up using a single battery with
the auxiliary features enabled, then VBAUX should be used and VBAT should be grounded. If VBAUX is not
to be used, it should be grounded and ABE should be cleared to 0.
Wake-Up/Kickstart
The DS17885/DS17887 incorporates a wake-up feature that powers on the system at a predetermined
date and time through activation of the PWR output pin. In addition, the kickstart feature allows the
system to be powered up in response to a low-going transition on the KS pin, without operating voltage
applied to the VCC pin. As a result, system power can be applied upon such events as a key closure or
modem-ring-detect signal. In order to use either the wake-up or the kickstart features, the
DS17885/DS17887 must have an auxiliary battery connected to the VBAUX pin, the oscillator must be
running, and the countdown chain must not be in reset (Register A DV2, DV1, DV0 = 01X). If DV2,
DV1, and DV0 are not in this required state, the PWR pin is not driven low in response to a kickstart or
wake-up condition, while in battery-backed mode.
The wake-up feature is controlled through the wake-up-interrupt-enable bit in extended control register
4B (WIE, bank 1, 04BH). Setting WIE to 1 enables the wake-up feature, clearing WIE to 0 disables it.
Similarly, the kickstart feature is controlled by the kickstart-interrupt-enable bit in extended control
register 4B (KSE, bank 1, 04BH).
A wake-up sequence occurs as follows: When wake-up is enabled through WIE = 1 while the system is
powered down (no VCC voltage), the clock/calendar monitors the current date for a match condition with
the date alarm register (bank 1, register 049H). With the date alarm register, the hours, minutes, and
seconds alarm bytes in the clock/calendar register map (bank 0, registers 05H, 03H, and 01H) are also
monitored. As a result, a wake-up occurs at the date and time specified by the date, hours, minutes, and
seconds alarm register values. This additional alarm occurs regardless of the programming of the AIE bit
(bank 0, register B, 0BH). When the match condition occurs, the PWR pin is automatically driven low.
This output can be used to turn on the main system power supply that provides VCC voltage to the
DS17885/DS17887 as well as the other major components in the system. Also at this time, the wake-up
flag (WF, bank 1, register 04AH) is set, indicating that a wake-up condition has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com