Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 30Page - Dallas Semiconductor DS17885 Datasheet HTML 31Page - Dallas Semiconductor DS17885 Datasheet HTML 32Page - Dallas Semiconductor DS17885 Datasheet HTML 33Page - Dallas Semiconductor DS17885 Datasheet HTML 34Page - Dallas Semiconductor DS17885 Datasheet HTML 35Page - Dallas Semiconductor DS17885 Datasheet HTML 36Page - Dallas Semiconductor DS17885 Datasheet HTML 37Page - Dallas Semiconductor DS17885 Datasheet HTML 38Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
DS17885/DS17887
37 of 38
DS17885 28-PIN TSOP
PKG
28-PIN
DIM
MIN
MAX
A
—1.20
A1
0.05
A2
0.91
1.02
b
0.18
0.27
c
0.15
0.20
D
13.20
13.60
D1
11.70
11.90
E
7.90
8.10
e
0.55 BSC
L
0.30
0.70
L1
0.80 BSC
56-G5003-000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com