Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 36 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 36 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 30Page - Dallas Semiconductor DS17885 Datasheet HTML 31Page - Dallas Semiconductor DS17885 Datasheet HTML 32Page - Dallas Semiconductor DS17885 Datasheet HTML 33Page - Dallas Semiconductor DS17885 Datasheet HTML 34Page - Dallas Semiconductor DS17885 Datasheet HTML 35Page - Dallas Semiconductor DS17885 Datasheet HTML 36Page - Dallas Semiconductor DS17885 Datasheet HTML 37Page - Dallas Semiconductor DS17885 Datasheet HTML 38Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
DS17885/DS17887
36 of 38
DS17885 24-PIN SO
The chamfer on the body is optional. If it is not present, a terminal 1 identifier must be positioned so that
one-half or more of its area is contained in the hatched zone.
PKG
24-PIN
DIM
MIN
MAX
A IN
MM
0.094
2.38
0.105
2.68
A1 IN
MM
0.004
0.102
0.012
0.30
A2 IN
MM
0.089
2.26
0.095
2.41
b IN
MM
0.013
0.33
0.020
0.51
C IN
MM
0.009
0.229
0.013
0.33
D IN
MM
0.598
15.19
0.612
15.54
e IN
MM
0.050 BSC
1.27 BSC
E1 IN
MM
0.290
7.37
0.300
7.62
H IN
MM
0.398
10.11
0.416
10.57
L IN
MM
0.016
0.40
0.040
1.02
Θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com