Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 30Page - Dallas Semiconductor DS17885 Datasheet HTML 31Page - Dallas Semiconductor DS17885 Datasheet HTML 32Page - Dallas Semiconductor DS17885 Datasheet HTML 33Page - Dallas Semiconductor DS17885 Datasheet HTML 34Page - Dallas Semiconductor DS17885 Datasheet HTML 35Page - Dallas Semiconductor DS17885 Datasheet HTML 36Page - Dallas Semiconductor DS17885 Datasheet HTML 37Page - Dallas Semiconductor DS17885 Datasheet HTML 38Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
DS17885/DS17887
34 of 38
BURST MODE TIMING WAVEFORM
NOTES:
1) Typical values are at +25°C and nominal supplies.
2) Outputs are open.
3) Write-protection trip point occurs during power-fail prior to switchover from VCC to VBAT.
4) Applies to the AD0 to AD7 pins, and the SQW pin when each is in a high-impedance state.
5) The IRQ and PWR pins are open-drain.
6) Measured with a load of 50pF + 1 TTL gate.
7) Wake-up kickstart timeout generated only when the oscillator is enabled and the countdown chain is
not reset.
8) VSW is determined by the larger of VBAT and VBAUX.
9) The DS17887 keeps time to an accuracy of ±1 minute per month during data retention time for the
period of tDR.
10) tDR is the amount of time that the internal battery can power the internal oscillator and internal
registers of the DS17887.
11) IBAT1 and IBAT2 are measured at VBAT = 3.5V.
12) RTC modules can be successfully processed through conventional wave-soldering techniques as long
as temperature exposure to the lithium energy source contained within does not exceed +85°C. Post-
solder cleaning with water-washing techniques is acceptable, provided that ultrasonic vibration is not
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com