Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 12Page - Dallas Semiconductor DS17885 Datasheet HTML 13Page - Dallas Semiconductor DS17885 Datasheet HTML 14Page - Dallas Semiconductor DS17885 Datasheet HTML 15Page - Dallas Semiconductor DS17885 Datasheet HTML 16Page - Dallas Semiconductor DS17885 Datasheet HTML 17Page - Dallas Semiconductor DS17885 Datasheet HTML 18Page - Dallas Semiconductor DS17885 Datasheet HTML 19Page - Dallas Semiconductor DS17885 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
DS17885/DS17887
16 of 38
EXTENDED FUNCTIONS
The extended functions provided by the DS17885/DS17887 that are new to the RAMified RTC family
are accessed by a software-controlled bank-switching scheme, as illustrated in Figure 4. In bank 0, the
clock/calendar registers and 50 bytes of user RAM are in the same locations as for the DS1287. As a
result, existing routines implemented within BIOS, DOS, or application software packages can gain
access to the DS17885/DS17887 clock registers with no changes. Also in bank 0, an extra 64 bytes of
RAM are provided at addresses just above the original locations for a total of 114 directly addressable
bytes of user RAM.
When bank 1 is selected, the clock/calendar registers and the original 50 bytes of user RAM still appear
as bank 0. However, the Dallas registers that provide control and status for the extended functions are
accessed in place of the additional 64 bytes of user RAM. The major extended functions controlled by the
Dallas registers are listed below:
§ 64-bit Silicon Serial Number
§ Century Counter
§ RTC Write Counter
§ Date Alarm
§ Auxiliary Battery Control/Status
§ Wake-Up
§ Kickstart
§ RAM Clear Control/Status
§ 4kB Extended RAM Access
The bank selection is controlled by the state of the DV0 bit in register A. To access bank 0 the DV0 bit
should be written to a 0. To access bank 1, DV0 should be written to a 1. Register locations designated as
reserved in the bank 1 map are reserved for future use by Dallas Semiconductor. Bits in these locations
cannot be written and return a 0 if read.
Silicon Serial Number
A unique 64-bit lasered serial number is located in bank 1, registers 40h–47h. This serial number is
divided into three parts. The first byte in register 40h contains a model number to identify the device type
of the DS17885/DS17887. Registers 41h–46h contain a unique binary number. Register 47h contains a
CRC byte used to validate the data in registers 40h–46h. All 8 bytes of the serial number are read-only
registers.
The DS17885/DS17887 is manufactured such that no two devices contain an identical number in
locations 41h–47h.
Century Counter
A register has been added in bank 1, location 48H, to keep track of centuries. The value is read in either
binary or BCD according to the setting of the DM bit.
RTC Write Counter
An 8-bit counter located in extended register bank 1, 5Eh, counts the number of times the RTC is written
to. This counter is incremented on the rising edge of the WR signal every time that the CS signal
qualifies it. This counter is a read-only register and rolls over after 256 RTC write pulses. This counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com