Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 14Page - Dallas Semiconductor DS17885 Datasheet HTML 15Page - Dallas Semiconductor DS17885 Datasheet HTML 16Page - Dallas Semiconductor DS17885 Datasheet HTML 17Page - Dallas Semiconductor DS17885 Datasheet HTML 18Page - Dallas Semiconductor DS17885 Datasheet HTML 19Page - Dallas Semiconductor DS17885 Datasheet HTML 20Page - Dallas Semiconductor DS17885 Datasheet HTML 21Page - Dallas Semiconductor DS17885 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
DS17885/DS17887
18 of 38
A kickstart sequence occurs when kickstarting is enabled through KSE = 1. While the system is powered
down, the KS input pin is monitored for a low-going transition of minimum pulse width tKSPW. When
such a transition is detected, the PWR line is pulled low, as it is for a wake-up condition. Also at this
time, the kickstart Flag (KF, bank 1, register 04AH) is set, indicating that a kickstart condition has
occurred.
The timing associated with both the wake-up and kickstarting sequences is illustrated in the
Wake-Up/Kickstart Timing Diagram in the Electrical Specifications section of this data sheet. The timing
associated with these functions is divided into five intervals, labeled 1 to 5 on the diagram.
The occurrence of either a kickstart or wake-up condition causes the PWR pin to be driven low, as
described above. During interval 1, if the supply voltage on the DS17885/DS17887 VCC pin rises above
the greater of VBAT or VPF before the power-on timeout period (tPOTO) expires, then PWR remains at the
active low level. If VCC does not rise above the greater of VBAT or VPF in this time, then the PWR output
pin is turned off and returns to its high-impedance level. In this event, the IRQ pin also remains tri-stated.
The interrupt flag bit (either WF or KF) associated with the attempted power-on sequence remains set
until cleared by software during a subsequent system power-on.
If VCC is applied within the timeout period, then the system power-on sequence continue as shown in
intervals 2 to 5 in the timing diagram. During interval 2, PWR remains active and IRQ is driven to its
active low level, indicating that either WF or KF was set in initiating the power-on. In the diagram KS is
assumed to be pulled up to the VBAUX supply. Also at this time, the PAB bit is automatically cleared to 0
in response to a successful power-on. The PWR line remains active as long as the PAB remains cleared to
0.
At the beginning of interval 3, the system processor has begun code execution and clears the interrupt
condition of WF and/or KF by writing 0’s to both of these control bits. As long as no other interrupt
within the DS17885/DS17887 is pending, the IRQ line is taken inactive once these bits are reset.
Execution of the application software can proceed. During this time, both the wake-up and kickstart
functions can be used to generate status and interrupts. WF is set in response to a date, hours, minutes,
and seconds match condition. KF is set in response to a low-going transition on KS . If the associated
interrupt-enable bit is set (WIE and/or KSE), then the IRQ line is driven active low in response to enabled
event. In addition, the other possible interrupt sources within the DS17885/DS17887 can cause IRQ to be
driven low. While system power is applied, the on-chip logic always attempts to drive the PWR pin active
in response to the enabled kickstart or wake-up condition. This is true even if PWR was previously
inactive as the result of power being applied by some means other than wake-up or kickstart.
The system can be powered down under software control by setting the PAB bit to a logic 1. This causes
the open-drain PWR pin to be placed in a high-impedance state, as shown at the beginning of interval 4 in
the timing diagram. As VCC voltage decays, the IRQ output pin is placed in a high-impedance state when
VCC goes below VPF. If the system is to be again powered on in response to a wake-up or kickstart, then
the both the WF and KF flags should be cleared and WIE and/or KSE should be enabled prior to setting
the PAB bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com