Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS17885 Datasheet HTML 1Page - Dallas Semiconductor DS17885 Datasheet HTML 2Page - Dallas Semiconductor DS17885 Datasheet HTML 3Page - Dallas Semiconductor DS17885 Datasheet HTML 4Page - Dallas Semiconductor DS17885 Datasheet HTML 5Page - Dallas Semiconductor DS17885 Datasheet HTML 6Page - Dallas Semiconductor DS17885 Datasheet HTML 7Page - Dallas Semiconductor DS17885 Datasheet HTML 8Page - Dallas Semiconductor DS17885 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
DS17885/DS17887
4 of 38
WR
– RTC Write Input; Active Low. The WR signal is an active low signal. The WR signal defines
the time period during which data is written to the addressed register.
CS
– RTC Chip-Select Input; Active Low. The chip select signal must be asserted low during a bus
cycle for DS17885/DS17887 to be accessed. CS must be kept in the active state during RD and WR
timing. Bus cycles that take place with ALE asserted but without asserting CS latches addresses.
However, no data transfer occurs.
IRQ
– Interrupt Request Output; Open Drain, Active Low. The IRQ pin is an active low output of
the DS17885/DS17887 that can be tied to the interrupt input of a processor. The IRQ output remains low
as long as the status bit causing the interrupt is present and the corresponding interrupt-enable bit is set.
To clear the IRQ pin, the application software must clear all enabled flag bits contributing to IRQ ’s active
state.
When no interrupt conditions are present, the IRQ level is in the high-impedance state. Multiple
interrupting devices can be connected to an IRQ bus. The IRQ pin is an open-drain output and requires an
external pullup resistor. The voltage on the pullup supply should be no greater than VCC + 0.2V.
PWR
– Power-On Output; Open-Drain, Active Low. The PWR pin is intended for use as an on/off
control for the system power. With VCC voltage removed from the DS17885/DS17887, PWR can be
automatically activated from a kickstart input by the KS pin or from a wake-up interrupt. Once the
system is powered on, the state of PWR can be controlled by bits in the Dallas registers. The PWR pin
can be connected through a pullup resistor to a positive supply. For 5V operation, the voltage of the
pullup supply should be no greater than 5.7V. For 3V operation, the voltage on the pullup supply should
be no greater than 3.9V.
KS
– Kickstart Input; Active Low. When VCC is removed from the DS17885/DS17887, the system can
be powered on in response to an active low transition on the KS pin, as might be generated from a key
closure. VBAUX must be present and auxiliary-battery-enable bit (ABE) must be set to 1 if the kickstart
function is used, and the KS pin must be pulled up to the VBAUX supply. While VCC is applied, the KS pin
can be used as an interrupt input.
RCLR
– RAM Clear Input; Active Low. If enabled by software, taking RCLR low results in the
clearing of the 114 bytes of user RAM. When enabled, RCLR can be activated whether or not VCC is
present. RCLR has an internal pullup and should not be connected to an external pullup resistor.
VBAUX – Auxiliary battery input required for kickstart and wake-up features. This input also supports
clock/calendar and user RAM if VBAT is at lower voltage or is not present. A standard +3V lithium cell or
other energy source can be used. For 3V operation, VBAUX must be held between +2.5V and +3.7V. For
5V operation, VBAUX must be held between +2.5V and +5.2V. If VBAUX is not going to be used it should
be grounded and the auxiliary-battery-enable bit bank 1, register 4BH, should = 0.
UL recognized to ensure against reverse charging current when used with a lithium battery. See
“Conditions of Acceptability” at www.maxim-ic.com/TechSupport/QA/ntrl.htm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com