Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 20Page - Dallas Semiconductor DS17885 Datasheet HTML 21Page - Dallas Semiconductor DS17885 Datasheet HTML 22Page - Dallas Semiconductor DS17885 Datasheet HTML 23Page - Dallas Semiconductor DS17885 Datasheet HTML 24Page - Dallas Semiconductor DS17885 Datasheet HTML 25Page - Dallas Semiconductor DS17885 Datasheet HTML 26Page - Dallas Semiconductor DS17885 Datasheet HTML 27Page - Dallas Semiconductor DS17885 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
DS17885/DS17887
24 of 38
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on Any Pin Relative to Ground
-0.3V to +7.0V
Storage Temperature Range
-40°C to +85°C
Soldering Temperature Range
+260
°C for 10 seconds (DIP) (Note 13)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions
beyond those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time can affect reliability.
OPERATING RANGE
RANGE
TEMP RANGE (°C)
VCC
Commercial
0 to +70
3V
±10% or 5V ±10%
Industrial
-40 to +85
3V
±10% or 5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
Over the operating range
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage 5V
Operation
VCC
4.5
5.0
5.5
V
Power Supply Voltage 3V
Operation
VCC
2.7
3.0
3.7
V
Input Logic 1
5V ±10%
3V ±10%
VIH
2.2
2.0
VCC + 0.3
V
Input Logic 0
VIL
-0.3
0.6
V
Battery Voltage
VBAT
2.5
3.7
V
Auxiliary Battery Voltage;
VCC = 5.0V
VBAUX
2.5
5.2
V
Auxiliary Battery Voltage;
VCC = 3.0V
VBAUX
2.5
3.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com