Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 7Page - Dallas Semiconductor DS17885 Datasheet HTML 8Page - Dallas Semiconductor DS17885 Datasheet HTML 9Page - Dallas Semiconductor DS17885 Datasheet HTML 10Page - Dallas Semiconductor DS17885 Datasheet HTML 11Page - Dallas Semiconductor DS17885 Datasheet HTML 12Page - Dallas Semiconductor DS17885 Datasheet HTML 13Page - Dallas Semiconductor DS17885 Datasheet HTML 14Page - Dallas Semiconductor DS17885 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DS17885/DS17887
11 of 38
REGISTER C
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IRQF
PF
AF
UF
0
0
0
0
IRQF – Interrupt Request Flag. This bit is set to a 1 when one or more of the following are true:
PF = PIE = 1
WF = WIE= 1
AF = AIE = 1
KF = KSE= 1
UF = UIE = 1
RF = RIE = 1
i.e., IRQF = (PF x PIE) + (AF x AIE) + (UF x UIE) + (WF x WIE) + (KF x KSE) + (RF x RIE)
Any time the IRQF bit is a 1, the IRQ pin is driven low. Flag bits PF, AF, and UF are cleared after
Register C is read by the program.
PF – Periodic Interrupt Flag. This is a read-only bit that is set to a 1 when an edge is detected on the
selected tap of the divider chain. The RS3 through RS0 bits establish the periodic rate. PF is set to a 1
independent of the state of the PIE bit. When both PF and PIE are 1s, the IRQ signal is active and sets the
IRQF bit. The PF bit is cleared by a software read of Register C.
AF – Alarm Interrupt Flag. A 1 in the AF bit indicates that the current time has matched the alarm
time. If the AIE bit is also a 1, the IRQ pin goes low and a 1 appears in the IRQF bit. A read of Register
C clears AF.
UF – Update Ended Interrupt Flag. This bit is set after each update cycle. When the UIE bit is set to 1,
the 1 in UF causes the IRQF bit to be a 1, which asserts the IRQ pin. UF is cleared by reading Register C.
BIT 3 to BIT 0 – These are unused bits of the status Register C. These bits always read 0 and cannot be
written.
REGISTER D
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VRT
0
0000
00
VRT – Valid RAM and Time. This bit is a read-only status bit. When VRT = 0, the RTC and RAM data
are questionable and indicates that the lithium energy source has been exhausted and should be replaced.
This bit indicates that status of the VBAT and VBAUX inputs.
BIT 6 to BIT 0 – The remaining bits of Register D are not usable. They cannot be written and, when
read, they always read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com