Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 22Page - Dallas Semiconductor DS17885 Datasheet HTML 23Page - Dallas Semiconductor DS17885 Datasheet HTML 24Page - Dallas Semiconductor DS17885 Datasheet HTML 25Page - Dallas Semiconductor DS17885 Datasheet HTML 26Page - Dallas Semiconductor DS17885 Datasheet HTML 27Page - Dallas Semiconductor DS17885 Datasheet HTML 28Page - Dallas Semiconductor DS17885 Datasheet HTML 29Page - Dallas Semiconductor DS17885 Datasheet HTML 30Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
DS17885/DS17887
26 of 38
DC ELECTRICAL CHARACTERISTICS
Over the operating range (3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Average VCC Power-Supply
Current
ICC1
15
30
mA
1, 2
CMOS Standby Current
( CS = VCC - 0.2V)
ICC2
0.5
2
mA
1, 2
Input Leakage Current
(Any Input)
IIL
-1
+1
mA
Output Leakage Current
IOL
-1
+1
mA
5
Output Logic 1 Voltage
at -0.4mA
VOH
2.4
V
Output Logic 0 Voltage
at +0.8mA
VOL
0.4
V
Power-Fail Trip Point
VPF
2.5
2.6
2.7
V
3
Battery Leakage OSC ON
IBAT1
0.50
0.7
mA
11
Battery Leakage OSC OFF
IBAT2
0.050
0.4
mA
11
I/O Leakage
ILO
-1
+1
mA
4
PWR
Output at 0.4V
IOLPWR
4mA
IRQ
Output at 0.4V
IOLIRQ
0.8
mA
CRYSTAL SPECIFICATIONS*
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Nominal Frequency
FO
32.768
kHz
Series Resistance
ESR
45
kΩ
Load Capacitance
CL
6 or 12.5
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to Application
Note 58, “Crystal Considerations for Dallas Real-Time Clocks” for additional specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com