Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 8Page - Dallas Semiconductor DS17885 Datasheet HTML 9Page - Dallas Semiconductor DS17885 Datasheet HTML 10Page - Dallas Semiconductor DS17885 Datasheet HTML 11Page - Dallas Semiconductor DS17885 Datasheet HTML 12Page - Dallas Semiconductor DS17885 Datasheet HTML 13Page - Dallas Semiconductor DS17885 Datasheet HTML 14Page - Dallas Semiconductor DS17885 Datasheet HTML 15Page - Dallas Semiconductor DS17885 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
DS17885/DS17887
12 of 38
NV RAM–RTC
The general-purpose NV RAM bytes are not dedicated to any special function within the
DS17885/DS17887. They can be used by the application program as nonvolatile memory and are fully
available during the update cycle.
The user RAM is divided into two separate memory banks. When the bank 0 is selected, the 14 real-time
clock registers and 114 bytes of user RAM are accessible. When bank 1 is selected, an additional 4kB of
user RAM are accessible through the extended RAM address and data registers.
INTERRUPT CONTROL
The DS17885/DS17887 includes six separate, fully automatic sources of interrupt for a processor:
1) Alarm Interrupt
2) Periodic Interrupt
3) Update-Ended Interrupt
4) Wake-Up Interrupt
5) Kickstart Interrupt
6) RAM Clear Interrupt
The conditions that generate each of these independent interrupt conditions are described in greater detail
elsewhere in this data sheet. This section describes the overall control of the interrupts.
The application software can select which interrupts, if any, should be used. There are 6 bits including 3
bits in Register B and 3 bits in Extended Register 4B that enable the interrupts. The extended register
locations are described later. Writing a logic 1 to an interrupt-enable bit permits that interrupt to be
initiated when the event occurs. A logic 0 in the interrupt-enable bit prohibits the IRQ pin from being
asserted from that interrupt condition. If an interrupt flag is already set when an interrupt is enabled, IRQ
is immediately be set at an active level, even though the event initiating the interrupt condition may have
occurred much earlier. As a result, there are cases where the software should clear these earlier generated
interrupts before first enabling new interrupts.
When an interrupt event occurs, the relating flag bit is set to a logic 1 in Register C or in Extended
Register 4A. These flag bits are set regardless of the setting of the corresponding enable bit located either
in Register B or in Extended Register 4B. The flag bits can be used in a polling mode without enabling
the corresponding enable bits.
However, care should be taken when using the flag bits of Register C because they are automatically
cleared to 0 immediately after they are read. Double latching is implemented on these bits so that bits that
are set remain stable throughout the read cycle. All bits that were set are cleared when read and new
interrupts that are pending during the read cycle are held until after the cycle is completed. 1 bit, 2 bits, or
3 bits can be set when reading Register C. Each used flag bit should be examined when read to ensure
that no interrupts are lost.
The flag bits in Extended Register 4A are not automatically cleared following a read. Instead, each flag
bit can be cleared to 0 only by writing 0 to that bit.
When using the flag bits with fully enabled interrupts, the IRQ line is driven low when an interrupt flag
bit is set and its corresponding enable bit is also set. IRQ is held low as long as at least one of the six



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com