Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17885 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 11Page - Dallas Semiconductor DS17885 Datasheet HTML 12Page - Dallas Semiconductor DS17885 Datasheet HTML 13Page - Dallas Semiconductor DS17885 Datasheet HTML 14Page - Dallas Semiconductor DS17885 Datasheet HTML 15Page - Dallas Semiconductor DS17885 Datasheet HTML 16Page - Dallas Semiconductor DS17885 Datasheet HTML 17Page - Dallas Semiconductor DS17885 Datasheet HTML 18Page - Dallas Semiconductor DS17885 Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
DS17885/DS17887
15 of 38
UPDATE CYCLE
The serialized RTC executes an update cycle once per second regardless of the SET bit in Register B.
When the SET bit in Register B is set to 1, the user copy of the double-buffered time, calendar, alarm,
and elapsed time byte is frozen and does not update as the time increments. However, the time countdown
chain continues to update the internal copy of the buffer. This feature allows the time to maintain
accuracy independent of reading or writing the time, calendar, and alarm buffers and also guarantees that
time and calendar information is consistent. The update cycle also compares each alarm byte with the
corresponding time byte and issues an alarm if a match or if a “don’t care” code is present in all alarm
locations.
There are three methods that can handle access of the RTC that avoid any possibility of accessing
inconsistent time and calendar data. The first method uses the update-ended interrupt. If enabled, an
interrupt occurs after every update cycle that indicates that over 999ms is available to read valid time and
date information. If this interrupt is used, the IRQF bit in Register C should be cleared before leaving the
interrupt routine.
A second method uses the update-in-progress bit (UIP) in Register A to determine if the update cycle is in
progress. The UIP bit pulses once per second. After the UIP bit goes high, the update transfer occurs
244µs later. If a low is read on the UIP bit, the user has at least 244µs before the time/calendar data is
changed. Therefore, the user should avoid interrupt service routines that would cause the time needed to
read valid time/calendar data to exceed 244µs.
The third method uses a periodic interrupt to determine if an update cycle is in progress. The UIP bit in
Register A is set high between the setting of the PF bit in Register C (Figure 3). Periodic interrupts that
occur at a rate of greater than tBUC allow valid time and date information to be reached at each occurrence
of the periodic interrupt. The reads should be complete within (tPI / 2 + tBUC) to ensure that data is not
read during the update cycle.
Figure 3. UPDATE-ENDED AND PERIODIC INTERRUPT RELATIONSHIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com