Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 122 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 122 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 118Page - Microchip Technology LAN89730 Datasheet HTML 119Page - Microchip Technology LAN89730 Datasheet HTML 120Page - Microchip Technology LAN89730 Datasheet HTML 121Page - Microchip Technology LAN89730 Datasheet HTML 122Page - Microchip Technology LAN89730 Datasheet HTML 123Page - Microchip Technology LAN89730 Datasheet HTML 124Page - Microchip Technology LAN89730 Datasheet HTML 125Page - Microchip Technology LAN89730 Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 218 page
background image
LAN89730
DS60001348A-page 122
 2013-2015 Microchip Technology Inc.
6.3.4
TRANSMIT CONFIGURATION REGISTER (TX_CFG)
Address:
010h
Size:
32 bits
Bits
Description
Type
Default
31:3
RESERVED
RO
-
2
Transmitter Enable (TX_ON)
When this bit is set, the transmitter is enabled. Any data in the TX FIFO will be
sent. This bit is cleared automatically when STOP_TX is set and the transmit-
ter is halted.
R/W
0b
1
Stop Transmitter (STOP_TX)
When this bit is set, the transmitter will finish the current frame being read
from the TX FIFO, and will then stop transmitting. When the transmitter has
stopped, this bit will clear. All writes to this bit are ignored while this bit is high.
Note:
After this bit clears, there will be no TX Ethernet frame data in the
TX data path.
SC
0b
0
Transmit FIFO Flush
Setting this bit will reset the TX FIFO pointers.
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com