Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 123 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 123 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 119Page - Microchip Technology LAN89730 Datasheet HTML 120Page - Microchip Technology LAN89730 Datasheet HTML 121Page - Microchip Technology LAN89730 Datasheet HTML 122Page - Microchip Technology LAN89730 Datasheet HTML 123Page - Microchip Technology LAN89730 Datasheet HTML 124Page - Microchip Technology LAN89730 Datasheet HTML 125Page - Microchip Technology LAN89730 Datasheet HTML 126Page - Microchip Technology LAN89730 Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 123
LAN89730
6.3.5
HARDWARE CONFIGURATION REGISTER (HW_CFG)
Address:
014h
Size:
32 bits
Bits
Description
Type
Default
31:17
RESERVED
RO
-
16
EEPROM Emulation Enable (EEM)
This bit is used to select the source of descriptor information and configuration
flags when no EEPROM is present.
0 = Use defaults as specified in Section 4.7.2, "EEPROM Defaults" .
1 = Use Descriptor RAM and Attributes Registers.
Note:
This bit affects operation only when an EEPROM is not present.
This bit has no effect when an EEPROM is present.
Note:
This field is protected by Reset Protection (RST_PROTECT).
R/W
0b
15
Reset Protection (RST_PROTECT)
Setting this bit protects select fields of certain registers from being affected by
resets other than POR.
Note:
This field is protected by Reset Protection (RST_PROTECT).
R/W
0b
14:13
RESERVED
RO
-
12
Bulk-In Empty Response (BIR)
This bit controls the response to Bulk-In tokens when the RX FIFO is empty.
0 = Respond to the IN token with a ZLP
1 = Respond to the IN token with a NAK
R/W
0b
11
Activity LED 80 ms Bypass (LEDB)
When set, the Activity LED on/off time is reduced to approximately 15 µs/
15 µs.
R/W
0b
10:9
RX Data Offset (RXDOFF)
This field controls the amount of offset, in bytes, that is added to the beginning
of an RX Data packet. The start of the valid data will be shifted by the amount
of bytes specified in this field. An offset of 0-3 bytes is a valid number of offset
bytes.
Note:
This register may not be modified after the RX data path has been
enabled.
R/W
00b
8
Stall Bulk-Out Pipe Disable (SBP)
This bit controls the operation of the Bulk-Out pipe when the FCT detects the
loss of sync condition. Refer to Section 4.4.2.5, "TX Error Detection" for
details.
0 = Stall the Bulk-Out pipe when loss of sync detected.
1 = Do not stall the Bulk-Out pipe when loss of sync detected.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com