Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 128 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 128 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 124Page - Microchip Technology LAN89730 Datasheet HTML 125Page - Microchip Technology LAN89730 Datasheet HTML 126Page - Microchip Technology LAN89730 Datasheet HTML 127Page - Microchip Technology LAN89730 Datasheet HTML 128Page - Microchip Technology LAN89730 Datasheet HTML 129Page - Microchip Technology LAN89730 Datasheet HTML 130Page - Microchip Technology LAN89730 Datasheet HTML 131Page - Microchip Technology LAN89730 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 218 page
background image
LAN89730
DS60001348A-page 128
 2013-2015 Microchip Technology Inc.
6.3.8
POWER MANAGEMENT CONTROL REGISTER (PMT_CTL)
This register controls the power management features.
Address:
020h
Size:
32 bits
Bits
Description
Type
Default
31:10
RESERVED
RO
-
9
Resume Clears Remote Wakeup Status (RES_CLR_WKP_STS)
When set, the Remote Wakeup Frame Received (WUFR), Magic Packet
Received (MPR), Perfect DA Frame Received (PFDA_FR) and Broadcast
Frame Received (BCAST_FR) status signals in the Wakeup Control and Sta-
tus Register (WUCSR) will clear upon the completion of a resume sequence.
When set, this bit also affects the WUPS field. WUPS[1] will clear upon com-
pletion of a resume event.
When cleared, the wakeup status signals are not cleared after a resume.
R/W
0b
8
Resume Clears Remote Wakeup Enables (RES_CLR_WKP_EN)
when asserted, all wakeup enable bits are cleared after a resume sequence,
initiated from a remote wakeup, completes. Resumes initiated by the host do
not clear the wakeup enables.
Note:
Global Unicast Wakeup Enable (GUEN), Perfect DA Wakeup
Enable (PFDA_EN), Wakeup Frame Enable (WUEN), Magic Packet
Enable (MPEN), and Broadcast Wakeup Enable (BCAST_EN) are
not included.
R/W
1b
7
Device Ready (READY)
When set, this bit indicates that the device is in the NORMAL state and the ini-
tial hardware configuration of the device has been completed.
Note:
This bit is useful for events (USB Reset) that do not trigger a soft
disconnect.
Note:
In the case where no PHY clocks are present to complete a system
reset, this bit will not be set until the watchdog timer expires. This
is applicable for a Lite Reset and when transitioning to the Normal
Configured state.
RO
0b
6:5
Suspend Mode (SUSPEND_MODE)
Indicates which suspend power state to use after the host suspends the
device.
If the device is deconfigured, it transitions to the NORMAL Unconfigured state
and this register will reset to the value 10b.
SUSPEND_MODE encoding:
00 = SUSPEND0
01 = SUSPEND1
10 = SUSPEND2
11 = SUSPEND3
Note:
It is not valid to select any suspend variant besides SUSPEND2
when in the NORMAL Unconfigured state.
R/W
10b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com