Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 130 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 130 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 126Page - Microchip Technology LAN89730 Datasheet HTML 127Page - Microchip Technology LAN89730 Datasheet HTML 128Page - Microchip Technology LAN89730 Datasheet HTML 129Page - Microchip Technology LAN89730 Datasheet HTML 130Page - Microchip Technology LAN89730 Datasheet HTML 131Page - Microchip Technology LAN89730 Datasheet HTML 132Page - Microchip Technology LAN89730 Datasheet HTML 133Page - Microchip Technology LAN89730 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 218 page
background image
LAN89730
DS60001348A-page 130
 2013-2015 Microchip Technology Inc.
6.3.9
LED GENERAL PURPOSE IO CONFIGURATION REGISTER (LED_GPIO_CFG)
This register configures the external GPIO[10:8] pins.
In order for a GPIO to function as a wake event or interrupt source, it must be configured as an input. GPIO pins used
to generate wake events must also be enabled by the GPIO_WAKE register, see Section 6.3.20, "General Purpose IO
Wake Enable and Polarity Register (GPIO_WAKE)".
Address:
024h
Size:
32 bits
Bits
Description
Type
Default
31
LED Select (LED_SEL)
This bit determines the functionality of external LED pins.
Note:
This field is protected by Reset Protection (RST_PROTECT).
R/W
Note 6-5
30:26
RESERVED
RO
-
25:24
GPIO 10 Control (GPCTL10)
The value of this field determines the function of the external GPIO10 pin as
follows:
00 = GPIO10
01 = nSPD_LED (Ethernet speed indicator LED)
10 = RXD0
11 = RXD3
Note:
When enabled as RXD0 or RXD3, the external device pin will reflect
the state of the corresponding internal MII signal. This feature is
useful as a diagnostic tool.
R/W
00b
23:22
RESERVED
RO
-
21:20
GPIO 9 Control (GPCTL9)
The value of this field determines the function of the external GPIO9 pin as fol-
lows:
00 = GPIO9
01 = Note 6-6
10 = RXD1
11 = nPHY_RST
Note:
When enabled as RXD1 or nPHY_RST, the external device pin will
reflect the state of the corresponding internal MII signal. This feature
is useful as a diagnostic tool.
R/W
00b
19:18
RESERVED
RO
-
Bit
Value
Pin Name
Function
0
nSPD_LED
Speed Indicator
nLNKA_LED
Link and Activity Indicator
nFDX_LED
Full Duplex Link Indicator
Note:
Hardware defaults to Activity
Indicator. Software must
manipulate to provide full-duplex
indication.
1
nSPD_LED
Speed Indicator
nLNKA_LED
Link Indicator
nFDX_LED
Activity Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com