Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 135 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 135 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 131Page - Microchip Technology LAN89730 Datasheet HTML 132Page - Microchip Technology LAN89730 Datasheet HTML 133Page - Microchip Technology LAN89730 Datasheet HTML 134Page - Microchip Technology LAN89730 Datasheet HTML 135Page - Microchip Technology LAN89730 Datasheet HTML 136Page - Microchip Technology LAN89730 Datasheet HTML 137Page - Microchip Technology LAN89730 Datasheet HTML 138Page - Microchip Technology LAN89730 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 135
LAN89730
7:4
Back Pressure Duration (BACK_DUR)
This field is used to select the time period for the Back Pressure Duration
Timer. This field has no function in full-duplex mode.
Note:
Back Pressure Duration is slightly greater in 10 Mbs mode.
Back Pressure Duration
100 Mbps Mode:
0h = 5 µs
1h = 10 µs
2h = 15 µs
3h = 25 µs
4h = 50 µs
5h = 100 µs
6h = 150 µs
7h = 200 µs
8h = 250 µs
9h = 300 µs
Ah = 350 µs
Bh = 400 µs
Ch = 450 µs
Dh = 500 µs
Eh = 550 µs
Fh = 600 µs
10 Mbps Mode:
0h = 7.2 µs
1h = 12.2 µs
2h = 17.2 µs
3h = 27.2 µs
4h = 52.2 µs
5h = 102.2 µs
6h = 152.2 µs
7h = 202.2 µs
8h = 252.2 µs
9h = 302.2 µs
Ah = 352.2 µs
Bh = 402.2 µs
Ch = 452.2 µs
Dh = 502.2 µs
Eh = 552.2 µs
Fh = 602.2 µs
R/W
0h
3
Flow Control on Multicast Frame (FCMULT)
When this bit is set, the device will assert back pressure when the AFC level is
reached and a multicast frame is received. This field has no function in full-
duplex mode.
R/W
0b
2
Flow Control on Broadcast Frame (FCBRD)
When this bit is set, the device will assert back pressure when the AFC level is
reached and a broadcast frame is received. This field has no function in full-
duplex mode.
R/W
0b
1
Flow Control on Address Decode (FCADD)
When this bit is set, the device will assert back pressure when the AFC level is
reached and a frame addressed to the device is received. This field has no
function in full-duplex mode.
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com