Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 139 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 139 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 135Page - Microchip Technology LAN89730 Datasheet HTML 136Page - Microchip Technology LAN89730 Datasheet HTML 137Page - Microchip Technology LAN89730 Datasheet HTML 138Page - Microchip Technology LAN89730 Datasheet HTML 139Page - Microchip Technology LAN89730 Datasheet HTML 140Page - Microchip Technology LAN89730 Datasheet HTML 141Page - Microchip Technology LAN89730 Datasheet HTML 142Page - Microchip Technology LAN89730 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 139
LAN89730
10
EPC Time-out
If an EEPROM operation is performed, and there is no response from the
EEPROM within 30 ms, the EEPROM controller will time-out and return to its
idle state. This bit is set when a time-out occurs, indicating that the last opera-
tion was unsuccessful.
Note:
If the EEDI pin is pulled-high (default if left unconnected), EPC
commands will not time out if the EEPROM device is missing. In this
case, the EPC Busy bit will be cleared as soon as the command
sequence is complete. It should also be noted that the ERASE,
ERAL, WRITE and WRAL commands are the only EPC commands
that will time-out if an EEPROM device is not present and the EEDI
signal is pulled low.
R/WC
0
9
Data Loaded
When set, this bit indicates that a valid EEPROM was found and that the USB
and Ethernet data programming has completed normally. This bit is set after a
successful load of the data after power-up or after a RELOAD command has
been completed.
R/WC
0
8:0
EPC Address
The 9-bit value in this field is used by the EEPROM Controller to address a
specific memory location in the Serial EEPROM. This is a byte-aligned
address.
R/W
00h
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com