Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 154 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 154 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 150Page - Microchip Technology LAN89730 Datasheet HTML 151Page - Microchip Technology LAN89730 Datasheet HTML 152Page - Microchip Technology LAN89730 Datasheet HTML 153Page - Microchip Technology LAN89730 Datasheet HTML 154Page - Microchip Technology LAN89730 Datasheet HTML 155Page - Microchip Technology LAN89730 Datasheet HTML 156Page - Microchip Technology LAN89730 Datasheet HTML 157Page - Microchip Technology LAN89730 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 218 page
background image
LAN89730
DS60001348A-page 154
 2013-2015 Microchip Technology Inc.
6.3.26
TRANSMIT FIFO POINTER DEBUG REGISTER (DBG_TX_FIFO_PTR)
This register provides information about the TX FIFO read/write pointers.
Address:
07Ch
Size:
32 bits
Bits
Description
Type
Default
31:27
RESERVED
RO
-
26:16
TX FIFO Read Pointer (TXRDPTR)
Current value of TX FIFO read pointer (DWORD address).
RO
000h
15:11
RESERVED
RO
-
10:0
TX FIFO Write Pointer (TXWRPTR)
Current value of TX FIFO write pointer (DWORD address).
RO
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com