Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 158 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 158 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 154Page - Microchip Technology LAN89730 Datasheet HTML 155Page - Microchip Technology LAN89730 Datasheet HTML 156Page - Microchip Technology LAN89730 Datasheet HTML 157Page - Microchip Technology LAN89730 Datasheet HTML 158Page - Microchip Technology LAN89730 Datasheet HTML 159Page - Microchip Technology LAN89730 Datasheet HTML 160Page - Microchip Technology LAN89730 Datasheet HTML 161Page - Microchip Technology LAN89730 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 218 page
background image
LAN89730
DS60001348A-page 158
 2013-2015 Microchip Technology Inc.
6.3.30
STRING DESCRIPTOR ATTRIBUTES REGISTER 1 (STRNG_ATTR1)
This register sets the length values for the named String Descriptors that have been loaded into Descriptor RAM via the
Data Port registers. The Descriptor RAM images may be used, in conjunction with this register, to facilitate customized
operation when no EEPROM is present.
Address:
0ACh
Size:
32 bits
Note:
If a descriptor does not exist in Descriptor RAM, its size value must be written as 00h.
Note:
This register only affects system operation when an EEPROM is not present and the EEPROM Emulation
Enable (EEM) bit indicates Descriptor RAM and the Attributes Registers are to be used for descriptor pro-
cessing.
Note:
Writing to this register when an EEPROM is present is prohibited and will result in untoward operation and
unexpected results.
Note:
This register is protected by Reset Protection (RST_PROTECT).
Bits
Description
Type
Default
31:8
RESERVED
RO
-
7:0
Interface String Descriptor Size (INTSTR_DESC_SIZE)
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com